Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6723 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6723
Description  Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6723 Datasheet(HTML) 2 Page - Texas Instruments

  LMH6723 Datasheet HTML 1Page - Texas Instruments LMH6723 Datasheet HTML 2Page - Texas Instruments LMH6723 Datasheet HTML 3Page - Texas Instruments LMH6723 Datasheet HTML 4Page - Texas Instruments LMH6723 Datasheet HTML 5Page - Texas Instruments LMH6723 Datasheet HTML 6Page - Texas Instruments LMH6723 Datasheet HTML 7Page - Texas Instruments LMH6723 Datasheet HTML 8Page - Texas Instruments LMH6723 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LMH6723, LMH6724
SNOSA83I – AUGUST 2003 – REVISED AUGUST 2014
www.ti.com
Table of Contents
7.3
Evaluation Boards ................................................... 13
1
Features .................................................................. 1
7.4
Feedback Resistor Selection .................................. 14
2
Applications ........................................................... 1
7.5
Active Filters............................................................ 16
3
Description ............................................................. 1
7.6
Driving Capacitive Loads ........................................ 16
4
Revision History..................................................... 2
7.7
Inverting Input Parasitic Capacitance ..................... 17
5
Pin Configuration and Functions ......................... 3
7.8
Layout Considerations ............................................ 18
6
Specifications......................................................... 4
7.9
Video Performance ................................................. 18
6.1
Absolute Maximum Ratings ...................................... 4
7.10
Single 5-V Supply Video ....................................... 18
6.2
Handling Ratings....................................................... 4
8
Power Supply Recommendations ...................... 19
6.3
Recommended Operating Conditions ....................... 4
8.1
ESD Protection........................................................ 19
6.4
Thermal Information .................................................. 4
9
Device and Documentation Support.................. 20
6.5
±5V Electrical Characteristics ................................... 5
9.1
Related Links .......................................................... 20
6.6
±2.5V Electrical Characteristics ................................ 6
9.2
Trademarks ............................................................. 20
6.7
Typical Performance Characteristics ........................ 8
9.3
Electrostatic Discharge Caution .............................. 20
7
Application and Implementation ........................ 13
9.4
Glossary .................................................................. 20
7.1
Application Information............................................ 13
10
Mechanical, Packaging, and Orderable
7.2
Typical Application .................................................. 13
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (April 2013) to Revision I
Page
Changed data sheet structure and organization. Added, updated, or renamed the following sections: Device
Information Table, Application and Implementation; Power Supply Recommendations; Device and Documentation
Support; Mechanical, Packaging, and Ordering Information. Removed "LMH6725" from title and document. ..................... 1
Deleted "Channel Matching" and "Crosstalk" plots. .............................................................................................................. 8
Changed Figure 11 ................................................................................................................................................................ 9
Changed Figure 12 ................................................................................................................................................................ 9
Changed Figure 29 ............................................................................................................................................................... 11
Changed Figure 30 ............................................................................................................................................................... 11
Deleted sentence beginning "These evaluation boards..." .................................................................................................. 13
Deleted sentence beginning, "Although the example..." ..................................................................................................... 17
Deleted sentence beginning "The SOIC-14 has ..." ............................................................................................................ 19
Changes from Revision G (April 2013) to Revision H
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 19
2
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: LMH6723 LMH6724


Similar Part No. - LMH6723

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MA NSC-LMH6723MA Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MAX NSC-LMH6723MAX Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MF NSC-LMH6723MF Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MFX NSC-LMH6723MFX Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
More results

Similar Description - LMH6723

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Linear Technology
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
   Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com