Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0734153761 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0734153761
Description  50 Ohms, MMCX Right-Angle Jack, SMT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734153761 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734153761 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/01/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734153761
Status:
Active
Overview:
MMCX RF Connectors
Description:
50 Ohms, MMCX Right-Angle Jack, SMT
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
MMCX RF Connectors
Product Name
MMCX
Style
PCB
UPC
884982758452
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
0.438/g
Orientation
Right Angle
PCB Mounting
Surface Mount
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-376
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73415 Series
This document was generated on 08/01/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0734153761

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734153760 MOLEX11-0734153760 Datasheet
34Kb / 1P
   50 Ohms, MMCX Jack, Right-Angle, Surface Mount PCB Receptacle,
More results

Similar Description - 0734153761

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73415-3761 MOLEX11-73415-3761 Datasheet
36Kb / 1P
   50 Ohms, MMCX Right-Angle Jack, SMT, EWR-1638
73415-2060 MOLEX2-73415-2060 Datasheet
178Kb / 3P
   MMCX JACK, VERTICAL PCB/SMT 50 OHMS MMCX-J/PCB
73415-3760 MOLEX11-73415-3760 Datasheet
38Kb / 1P
   50 Ohms, MMCX Jack, Right-Angle, Surface Mount PCB Receptacle
0734153760 MOLEX11-0734153760 Datasheet
34Kb / 1P
   50 Ohms, MMCX Jack, Right-Angle, Surface Mount PCB Receptacle,
0734140121 MOLEX11-0734140121 Datasheet
59Kb / 1P
   50 Ohms, MMCX Right-Angle Switch Jack, PCB, Surface Mount, Tray
0734140122 MOLEX-0734140122 Datasheet
50Kb / 1P
   50 Ohms, MMCX Right-Angle Switch Jack, PCB, Surface Mount, Bag
0734140121 MOLEX-0734140121_V01 Datasheet
50Kb / 1P
   50 Ohms, MMCX Right-Angle Switch Jack, PCB, Surface Mount, Tray
73415-1001 MOLEX11-73415-1001 Datasheet
30Kb / 1P
   50 Ohms, MMCX Right-Angle PCB, Jack Receptacle, Gold (Au) Plating per
73415-1002 MOLEX11-73415-1002 Datasheet
30Kb / 1P
   50 Ohms, MMCX Right-Angle PCB, Jack Receptacle, Gold (Au) Plating per
0734151002 MOLEX11-0734151002 Datasheet
45Kb / 1P
   50 Ohms, MMCX Right-Angle PCB, Jack Receptacle, Gold (Au) Plating per
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com