Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0734152151 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0734152151
Description  50 Ohms, MMCX Plug per Military Requirements, Right-Angle for SR-047 Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734152151 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734152151 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/01/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734152151
Status:
Active
Overview:
MMCX RF Connectors
Description:
50 Ohms, MMCX Plug per Military Requirements, Right-Angle for SR-047 Cable
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
MMCX RF Connectors
Product Name
MMCX
Style
Cable
UPC
883906961893
Wire/Cable Type
SR-047
Physical
Gender
Plug
Keying to Mating Part
None
Orientation
Right Angle
PCB Mounting
N/A
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-215
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
73415 Series
This document was generated on 08/01/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0734152151

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734152151 MOLEX-0734152151_V01 Datasheet
59Kb / 1P
   50 Ohms, MMCX Plug per Military Requirements, Right-Angle for SR-047 Cable
More results

Similar Description - 0734152151

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734152151 MOLEX-0734152151_V01 Datasheet
59Kb / 1P
   50 Ohms, MMCX Plug per Military Requirements, Right-Angle for SR-047 Cable
0734152150 MOLEX11-0734152150 Datasheet
36Kb / 1P
   50 Ohms, MMCX Plug per Commercial Requirements, Right-Angle for SR-047 Cable
0734152150 MOLEX-0734152150_V01 Datasheet
59Kb / 1P
   50 Ohms, MMCX Plug per Commercial Requirements, Right-Angle for SR-047 Cable
0734150970 MOLEX11-0734150970 Datasheet
62Kb / 1P
   50 Ohms, MMCX Straight Plug, Crimp, Per Military Requirements
0734152260 MOLEX-0734152260 Datasheet
59Kb / 1P
   50 Ohms, MMCX Right-Angle Plug, Crimp, 1.13mm Cable, Plating Per Military Requirements, 500 Pieces Per Bag
0734150993 MOLEX11-0734150993 Datasheet
46Kb / 1P
   50 Ohms, MMCX Edge Mount PCB Plug Receptacle, Per Military Requirements
0734152130 MOLEX-0734152130 Datasheet
56Kb / 1P
   50 Ohms, MMCX Plug, Crimp, RD-316 Cable, Plating Per Military Requirements, Bag
0734150950 MOLEX11-0734150950 Datasheet
62Kb / 1P
   50 Ohms, MMCX Right-Angle Plug, Crimp, Gold (Au) Over Nickel (Ni) Per Military Requirements,
0734150990 MOLEX11-0734150990 Datasheet
46Kb / 1P
   50 Ohms, MMCX Edge Mount PCB Plug Receptacle, Per Military Requirements, Bag
0734150990 MOLEX-0734150990_V01 Datasheet
38Kb / 1P
   50 Ohms, MMCX Edge Mount PCB Plug Receptacle, Per Military Requirements, Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com