Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAL1350-931-E Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # XAL1350-931-E
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL1350-931-E Datasheet(HTML) 2 Page - Coilcraft lnc.

  XAL1350-931-E Datasheet HTML 1Page - Coilcraft lnc. XAL1350-931-E Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 1032-2
Document 1032-2 Revised 07/13/16
Shielded Power Inductors – XAL1350
L vs Current
0
0.4
0.8
1.2
1.6
Current (A)
1.3 µH
020
10
60
50
40
30
80
70
0.1
1.0
10
0.1
1
100
10
Frequency (MHz)
0.63 µH
0.93 µH
1.3 µH
2.2 µH
3.0 µH
L vs Frequency
01015
52025303540455055
0
0.8
1.6
2.4
3.2
Current (A)
2.2 µH
01015
52025303540455055
0
1.0
2.0
3.0
4.0
Current (A)
3.0 µH
02030
10
40
50
60
70
80
90
100 110 120
0
0.2
0.4
0.6
0.8
Current (A)
0.63 µH
0
0.2
0.4
0.6
1.0
0.8
1.2
Current (A)
0.93 µH
020
10
60
50
40
30
100
70
80
90
0.551 ±0.008
14,0 ±0,2
0.512 ±0.008
13,0 ±0,2
Dash
number
Recommended
Land Pattern
inches
mm
Dimensions are in
0.110 ±0.004
2,80 ±0,1
0.339
8,6
0.472
12,0
0.117
2.98
0.228 ±0.010
5.8 ±0.25
Terminal
Dash
thickness (typ)
number
(in / mm)
-631
0.0157 / 0.4
-931
0.0157 / 0.4
-132
0.0157 / 0.4
-222
0.0118 / 0.3
-302
0.010 / 0.25
0.441
11,2
typ
See
table
0.197
5,0
max
For optional tin-lead and tin-silver-
copper terminations, dimensions
are for the mounted part.
Dimensions before mounting can be
an additional 0.005 inch / 0.13 mm.
*
*


Similar Part No. - XAL1350-931-E

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL1010 COILCRAFT-XAL1010 Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL1010-102ME COILCRAFT-XAL1010-102ME Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL1010-103ME COILCRAFT-XAL1010-103ME Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL1010-152ME COILCRAFT-XAL1010-152ME Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
logo
Microchip Technology
XAL1010-152MEB MICROCHIP-XAL1010-152MEB Datasheet
899Kb / 44P
   High-Speed Synchronous Buck Controller
2012
More results

Similar Description - XAL1350-931-E

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com