Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N166 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # 3N166
Description  MONOLITHIC DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

3N166 Datasheet(HTML) 2 Page - Linear Integrated Systems

  3N166 Datasheet HTML 1Page - Linear Integrated Systems 3N166 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
4042 Clipper Ct., Fremont, CA 94538 TEL: (510) 490-9160 • FAX: (510) 353-0261
LIMITS
SYMBOL
CHARACTERISTICS
MIN.
MAX.
UNITS
CONDITIONS
Y
fs1
/Y
fs2
Forward Transconductance Ratio
0.90
1.0
V
DS
= -15 V
I
D
= -500
µA
f=1kHz
V
GS1-2
Gate Source Threshold Voltage Differential
--
100
mV
V
DS
= -15 V
I
D
= -500
µA
∆V
GS1-2
/
∆T Gate Source Threshold Voltage Differential
--
100
µV/°CV
DS
= -15 V
I
A
= -500
µA
Change with Temperature
T
A
= -55
°C to = +25°C
MATCHING CHARACTERISTICS 3N165
90%
Switching Times Test Circuit
V
DD
1
2
OUT
V
R
R
50
Switching Times Test Circuit
t
10%
10%
10%
10%
t on
r
off
t
INPUT PULSE
Rise Time 2ns
Pulse Width 200ns
SAMPLING SCOPE
T 0.2ns
C
2pF
R
10M
r
IN
IN
TYPICAL SWITCHING WAVEFORM
NOTES:
1. MOS field-effect transistors have extremely high input resistance and can be damaged by the accumulation of excess static
charge. To avoid possible damage to the device while wiring, testing, or in actual operation, follow these procedures:
To avoid the build-up of static charge, the leads of the devices should remain shorted together with a metal ring except when
being tested or used. Avoid unnecessary handling. Pick up devices by the case instead of the leads. Do not insert or remove
devices from circuits with the power on, as transient voltages may cause permanant damage to the devices.
2. Per transistor.
3. Devices must mot be tested at
±125V more than once, nor for longer than 300ms.
4. For design reference only, not 100% tested.
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - 3N166

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
3N166 CALOGIC-3N166 Datasheet
26Kb / 2P
   Monolithic Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
logo
Intersil Corporation
3N166 INTERSIL-3N166 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
3N166 NJSEMI-3N166 Datasheet
123Kb / 1P
   (SINGLE, DUAL) MOS FET P-CHANNEL, ENHANCEMENT
logo
Micross Components
3N166 MICROSS-3N166 Datasheet
365Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
logo
Calogic, LLC
3N166 CALOGIC-3N166 Datasheet
37Kb / 2P
   Monolithic Dual P-Channel
More results

Similar Description - 3N166

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS3N191 MICROSS-LS3N191 Datasheet
295Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N166_TO-78 MICROSS-3N166_TO-78 Datasheet
365Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N190_TO-78 MICROSS-3N190_TO-78 Datasheet
295Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N191_TO-78 MICROSS-3N191_TO-78 Datasheet
295Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N165_TO-78 MICROSS-3N165_TO-78 Datasheet
366Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
LS3N191_TO-78 MICROSS-LS3N191_TO-78 Datasheet
295Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N165 MICROSS-3N165 Datasheet
366Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N166 MICROSS-3N166 Datasheet
365Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
LS3N166 MICROSS-LS3N166 Datasheet
365Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
LS3N190_TO-78 MICROSS-LS3N190_TO-78 Datasheet
296Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com