Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS6225-124MR Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS6225-124MR
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS6225-124MR Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS6225-124MR Datasheet HTML 1Page - Coilcraft lnc. LPS6225-124MR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors–LPS6225
Document 554-1
Document 554-1 Revised 09/02/15
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4 10% 20% 30%
20°C 40°C
Part number1 ± 20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS6225-122MR_
1.2
0.040 178
5.3
5.4
5.4
1.1
1.65
LPS6225-222MR_
2.2
0.045 100
3.9
4.0
4.1
1.0
1.40
LPS6225-332MR_
3.3
0.055
68
3.5
3.5
3.6
1.0
1.35
LPS6225-472MR_
4.7
0.065
53
3.0
3.1
3.2
0.90 1.30
LPS6225-682MR_
6.8
0.095
40
2.6
2.7
2.8
0.90 1.30
LPS6225-103MR_
10
0.105
35
2.1
2.1
2.2
0.90 1.30
LPS6225-153MR_
15
0.135
23
2.1
2.2
2.2
0.85 1.20
LPS6225-223MR_
22
0.175
17
1.4
1.5
1.6
0.80 1.10
LPS6225-333MR_
33
0.260
14
1.1
1.2
1.2
0.65 0.90
LPS6225-473MR_
47
0.360
10
0.98
1.0
1.0
0.60 0.80
LPS6225-683MR_
68
0.420
9.6 0.58
0.61
0.62
0.57 0.74
LPS6225-104MR_
100
0.610
7.7 0.48
0.51
0.52
0.47 0.64
LPS6225-124MR_
120
0.750
7.4 0.42
0.45
0.46
0.43 0.58
LPS6225-154MR_
150
0.920
6.4 0.39
0.41
0.42
0.40 0.54
LPS6225-224MR_
220
1.30
5.0 0.32
0.34
0.35
0.37 0.50
LPS6225-334MR_
330
2.00
3.8 0.26
0.27
0.28
0.28 0.39
LPS6225-474MR_
470
2.60
3.2 0.22
0.23
0.24
0.24 0.37
LPS6225-684MR_
680
4.00
2.8 0.18
0.19
0.20
0.18 0.26
LPS6225-105MR_ 1000
6.00
2.3 0.15
0.16
0.17
0.15 0.24
LPS6225-155MR_ 1500
9.00
1.8 0.12
0.13
0.13
0.13 0.20
LPS6225-185MR_ 1800
11.7
1.7 0.11
0.12
0.12
0.11 0.14
LPS6225-225MR_ 2200
13.5
1.3 0.10
0.10
0.11
0.11 0.13
LPS6225-335MR_ 3300
21.0
1.1 0.099 0.10
0.11
0.080 0.11
LPS6225-475MR_ 4700
30.0
0.90 0.086 0.096 0.10
0.075 0.090
LPS6225-565MR_ 5600
36.0
0.72 0.083 0.090 0.096 0.070 0.090
LPS6225-685MR_ 6800
43.0
0.70 0.080 0.086 0.089 0.065 0.080
LPS6225-825MR_ 8200
54.0
0.69 0.079 0.086 0.088 0.060 0.075
LPS6225-106MR_ 10000
70.0
0.68 0.075 0.084 0.087 0.060 0.065
Designer’s Kit C349 contains 3 each of all values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver.
Other terminations available at additional cost.
Weight 309 – 331 mg
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 750/7
″ reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 2.57 mm pocket depth
Recommended pick and place nozzle OD: 6.2 mm; ID:
≤ 3.1 mm
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Low DCR; high current; shielded construction
• Perfect for backlight applications
1. Please specify
termination and packaging codes:
LPS6225-106MRC
Termination: R = RoHS compliant matte tin over
nickel over silver.
Special order, added cost:
Q = RoHS tin-silver-copper (95.5/4/0.5)
or
P = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481
embossed plastic tape (750 parts
per full reel).
B = Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D = 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (2500 parts
per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current at 25°C that causes the specified induc-
tance drop from its value without current.
Click for temperature derating information.
6. Current that causes the specified temperature rise from
25°C ambient. This information is for reference only and
does not represent absolute maximum ratings.
Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.


Similar Part No. - LPS6225-124MR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS6225-124MLB COILCRAFT-LPS6225-124MLB Datasheet
206Kb / 1P
   Kit Contents for C349, LPS6225 Power Inductors, 28 values, 3 of each
LPS6225-124MLB COILCRAFT-LPS6225-124MLB Datasheet
149Kb / 2P
   Shielded Power Inductors - LPS6225
LPS6225-124MLC COILCRAFT-LPS6225-124MLC Datasheet
149Kb / 2P
   Shielded Power Inductors - LPS6225
LPS6225-124MLD COILCRAFT-LPS6225-124MLD Datasheet
149Kb / 2P
   Shielded Power Inductors - LPS6225
More results

Similar Description - LPS6225-124MR

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com