Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS4018-334MR Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS4018-334MR
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS4018-334MR Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS4018-334MR Datasheet HTML 1Page - Coilcraft lnc. LPS4018-334MR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors–LPS4018
Document 435-1
Document 435-1 Revised 09/02/15
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver.
Other terminations available at additional cost.
Weight 54 – 100 mg
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.23 mm thick, 8 mm pocket spacing, 1.9 mm pocket depth
Recommended pick and place nozzle OD: 4 mm; ID:
≤ 2 mm
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
1. Please specify
termination and packaging codes:
LPS4018-223MRC
Termination: R= RoHS compliant matte tin over
nickel over silver.
Special order, added cost:
Q = RoHS tin-silver-copper (95.5/4/0.5)
or
P = non-RoHS tin-lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481
embossed plastic tape (1000 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready.
To have a leader and trailer added
($25 charge), use code letter C
instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (3500 parts
per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an
Agilent/HP 4192A. Inductance at 1 MHz is the same
for parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current at 25°C that causes the specified induc-
tance drop from its value without current.
Click for temperature derating information.
6. Current that causes the specified temperature rise from
25°C ambient.This information is for reference only and
does not represent absolute maximum ratings.
Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Compo-
nents” before soldering.
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4 10% 20% 30%
20°C 40°C
Part number1
(µH)
(Ohms) (MHz) drop drop drop
rise
rise
LPS4018-561MR_
0.56 ±20% 0.033 250
4.8
5.2
5.3
1.9
2.8
LPS4018-102NR_
1.0 ±30% 0.042 180
3.8
3.9
4.0
1.8
2.5
LPS4018-222MR_
2.2 ±20% 0.070
90
2.7
2.8
2.9
1.5
2.0
LPS4018-332MR_
3.3 ±20% 0.080
75
1.9
2.0
2.0
1.4
1.9
LPS4018-472MR_
4.7 ±20% 0.125
65
1.8
1.9
1.9
1.3
1.8
LPS4018-682MR_
6.8 ±20% 0.150
50
1.2
1.3
1.3
1.0
1.5
LPS4018-103MR_
10 ±20%
0.200
40
1.1
1.2
1.3
0.90
1.25
LPS4018-153MR_
15 ±20%
0.260
32
0.86
0.91
0.94
0.80
1.12
LPS4018-183MR_
18 ±20%
0.270
27
0.78
0.83
0.85
0.70
1.00
LPS4018-223MR_
22 ±20%
0.360
26
0.74
0.80
0.83
0.65
0.90
LPS4018-333MR_
33 ±20%
0.420
20
0.58
0.64
0.68
0.55
0.80
LPS4018-473MR_
47 ±20%
0.650
16
0.51
0.55
0.56
0.45
0.68
LPS4018-683MR_
68 ±20%
0.950
13
0.41
0.45
0.46
0.40
0.56
LPS4018-104MR_ 100 ±20%
1.40
10
0.34
0.36
0.37
0.35
0.50
LPS4018-124MR_ 120 ±20%
1.60
9.0 0.31
0.33
0.34
0.30
0.45
LPS4018-154MR_ 150 ±20%
2.00
8.0 0.27
0.29
0.30
0.28
0.40
LPS4018-184MR_ 180 ±20%
2.50
7.5 0.24
0.26
0.27
0.26
0.36
LPS4018-224MR_ 220 ±20%
3.70
6.5 0.21
0.225 0.235 0.20
0.30
LPS4018-334MR_ 330 ±20%
5.90
5.5 0.18
0.19
0.20
0.17
0.23
LPS4018-474MR_ 470 ±20%
7.80
4.5 0.14
0.16
0.17
0.15
0.20
LPS4018-564MR_ 560 ±20%
10.0
4.0 0.13
0.14
0.15
0.14
0.18
LPS4018-684MR_ 680 ±20%
11.5
3.5 0.12
0.13
0.14
0.12
0.16
LPS4018-824MR_ 820 ±20%
14.0
2.9 0.11
0.12
0.13
0.10
0.14
LPS4018-105MR_ 1000 ±20%
18.0
2.8 0.10
0.11
0.11
0.098 0.125
• Very low DCR; excellent current handling
• 4.0 × 4.0 mm footprint; less than 1.8 mm tall
Coilcraft
Designer’s Kit C392 contains samples of 0.80 µH to 33 µH parts (3 each)
from LPS3008, LPS3010 and LPS3015.
Kit C401 contains samples of 0.56 µH to
33 µH parts (3 each) from LPS4012 and LPS4018.
Kit C402 contains samples of 220
µH to 3300 µH parts (3 each) from all five series. For details of kit contents and to
order, contact Coilcraft or visit
http://order.coilcraft.com.


Similar Part No. - LPS4018-334MR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4018-334ML COILCRAFT-LPS4018-334ML Datasheet
211Kb / 2P
   Shielded Power Inductors
LPS4018-334MLB COILCRAFT-LPS4018-334MLB Datasheet
204Kb / 2P
   Shielded Power Inductors LPS4018
LPS4018-334MLC COILCRAFT-LPS4018-334MLC Datasheet
204Kb / 2P
   Shielded Power Inductors LPS4018
LPS4018-334MLD COILCRAFT-LPS4018-334MLD Datasheet
204Kb / 2P
   Shielded Power Inductors LPS4018
LPS4018-334ML_ COILCRAFT-LPS4018-334ML_ Datasheet
204Kb / 2P
   Very low DCR; excellent current handling, 4.0 횞 4.0 mm footprint; less than 1.8 mm tall
More results

Similar Description - LPS4018-334MR

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com