Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS3015-683MR Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS3015-683MR
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS3015-683MR Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS3015-683MR Datasheet HTML 1Page - Coilcraft lnc. LPS3015-683MR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors – LPS3015
Document 436-1
Document 436-1 Revised 09/02/15
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4
10% 20% 30%
20°C 40°C
Part number1 ±20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS3015-102MR_
1.0
0.075
190
2.4
2.4
2.5
1.4
2.0
LPS3015-152MR_
1.5
0.100
140
2.2
2.2
2.3
1.3
1.7
LPS3015-182MR_
1.8
0.100
135
2.1
2.1
2.3
1.1
1.4
LPS3015-222MR_
2.2
0.110
110
2.0
2.1
2.1
1.1
1.4
LPS3015-332MR_
3.3
0.130
90
1.4
1.5
1.5
1.0
1.4
LPS3015-472MR_
4.7
0.200
79
1.1
1.2
1.2
0.90 1.2
LPS3015-682MR_
6.8
0.300
58
0.83
0.86
0.89
0.68 0.90
LPS3015-103MR_
10
0.440
48
0.60
0.69
0.73
0.55 0.75
LPS3015-153MR_
15
0.700
35
0.58
0.61
0.62
0.44 0.59
LPS3015-183MR_
18
0.750
33
0.56
0.58
0.59
0.43 0.58
LPS3015-223MR_
22
0.825
30
0.48
0.49
0.50
0.42 0.57
LPS3015-333MR_
33
1.30
23
0.39
0.41
0.42
0.35 0.48
LPS3015-473MR_
47
1.55
17
0.36
0.38
0.39
0.30 0.40
LPS3015-683MR_
68
2.35
14
0.29
0.30
0.31
0.25 0.33
LPS3015-104MR_ 100
3.40
11
0.24
0.25
0.26
0.19 0.26
LPS3015-124MR_ 120
4.65
9.0 0.21
0.22
0.22
0.17 0.23
LPS3015-154MR_ 150
6.25
8.0 0.19
0.20
0.20
0.15 0.20
LPS3015-184MR_ 180
8.60
7.5 0.16
0.17
0.17
0.13 0.175
LPS3015-224MR_ 220
9.50
6.0 0.15
0.16
0.16
0.11 0.155
1. Please specify
termination and packaging codes:
LPS3015-333MRC
Termination: R= RoHS compliant matte tin over nickel
over silver.
Special order, added cost:
Q = RoHS tin-silver-copper (95.5/4/0.5)
or
P = non-RoHS tin-lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481
embossed plastic tape (1000 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory order
only, not stocked (3500 per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an
Agilent/HP 4192A. Inductance at 1 MHz is the same for
parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current at 25°C that causes the specified induc-
tance drop from its value without current.
Click for temperature derating information.
6. Current that causes the specified temperature rise
from 25°C ambient. This information is for reference
only and does not represent absolute maximum rat-
ings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver.
Other terminations available at additional cost.
Weight 40 – 45 mg
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel; Plastic tape: 12 mm wide,
0.26 mm thick, 8 mm pocket spacing, 1.65 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤ 1.5 mm
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Very low DCR; excellent current handling
• Miniature 3.0 × 3.0 mm footprint; less than 1.5 mm tall
Coilcraft
Designer’s Kit C392 contains samples of 0.80 µH to 33 µH parts (3 each)
from LPS3008, LPS3010 and LPS3015.
Kit C401 contains samples of 0.56 µH to
33 µH parts (3 each) from LPS4012 and LPS4018.
Kit C402 contains samples of
220 µH to 3300 µH parts (3 each) from all five series. For details of kit contents and
to order, contact Coilcraft or visit
http://order.coilcraft.com.


Similar Part No. - LPS3015-683MR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS3015-683ML COILCRAFT-LPS3015-683ML Datasheet
208Kb / 2P
   Shielded Power Inductors
LPS3015-683MLB COILCRAFT-LPS3015-683MLB Datasheet
295Kb / 2P
   Shielded Power Inductors LPS3015
LPS3015-683MLC COILCRAFT-LPS3015-683MLC Datasheet
295Kb / 2P
   Shielded Power Inductors LPS3015
LPS3015-683MLD COILCRAFT-LPS3015-683MLD Datasheet
295Kb / 2P
   Shielded Power Inductors LPS3015
LPS3015-683ML_ COILCRAFT-LPS3015-683ML_ Datasheet
295Kb / 2P
   Very low DCR; excellent current handling, Miniature 3.0 횞 3.0 mm footprint; less than 1.5 mm tall
More results

Similar Description - LPS3015-683MR

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com