Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6401 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH6401
Description  LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6401 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6401_16 Datasheet HTML 3Page - Texas Instruments LMH6401_16 Datasheet HTML 4Page - Texas Instruments LMH6401_16 Datasheet HTML 5Page - Texas Instruments LMH6401_16 Datasheet HTML 6Page - Texas Instruments LMH6401_16 Datasheet HTML 7Page - Texas Instruments LMH6401_16 Datasheet HTML 8Page - Texas Instruments LMH6401_16 Datasheet HTML 9Page - Texas Instruments LMH6401_16 Datasheet HTML 10Page - Texas Instruments LMH6401_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LMH6401
www.ti.com
SBOS730A – APRIL 2015 – REVISED MAY 2015
Electrical Characteristics (continued)
At TA = 25°C, VS– = –2.5 V, VS+ = 2.5 V, VOCM = 0 V, RLOAD = 200-Ω differential (Ro(internal, diff) = 20 Ω), VO = 2 VPPD, and AV
= 26 dB, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
ANALOG INPUT CHARACTERISTICS
Ri
Input resistance
Differential
85
100
112
Ω
A
Ci
Input capacitance
Differential
0.8
pF
C
VICM
Input common-mode voltage
Self-biased to mid-supply
–0.3
0.3
V
A
Low-level input common-mode
VICLR
Differential gain shift < 1 dB
(VS–) + 1.5
V
C
voltage range
High-level input common-mode
VICHR
Differential gain shift < 1 dB
(VS+) – 1.5
V
C
voltage range
ANALOG OUTPUT CHARACTERISTICS
Ro
Output resistance
Differential
18
20
25
Ω
A
VOL
Low-level output voltage range
Low-level clipping level
(VS–) + 1
(VS–) + 1.1
V
A
VOH
High-level output voltage range
High-level clipping level
(VS+) – 1.1
(VS+) – 1
V
A
VOM
Maximum output voltage swing
Differential
6.0
VPPD
C
CMRR
Common-mode rejection ratio
±0.3-V input common-mode shift
38.4
45
dB
A
POWER SUPPLY
VS
Supply voltage [V = (VS+) – (VS–)]
4.0
5.0
5.25
V
A
Minimum positive (VS+) supply
2.0
V
A
voltage
VS–, measured at 1-kHz sine-wave
66
70
dB
A
PSRR
Power-supply rejection ratio
VS+, measured at 1-kHz sine-wave
66
70
dB
A
PD = 0 (device enabled)
60
69
78
mA
A
IQ
Quiescent current
PD = 1 (device disabled)
1
7
12
mA
A
OUTPUT COMMON-MODE CONTROL (VOCM Pin)
SSBW
Small-signal bandwidth
VOCM = 200 mVPP
160
MHz
C
VOCM voltage range low
VOCM gain < 2%
–0.5
V
A
VOCM voltage range high
VOCM gain < 2%
0.5
V
A
VOO
Output offset voltage
All gain settings
–40
40
mV
A
VOCM gain
1.0
V
C
VOCM
Common-mode offset voltage
VOCM pin driven to GND
–10
10
mV
A
POWER DOWN (PD Pin)
Power-down quiescent current
1
7
12
mA
A
PD bias current
PD = 2.5 V
80
100
µA
A
Turn-on time delay
Time to VO = 90% of final value
70
ns
C
Turn-off time delay
Time to VO = 10% of original value
10
ns
C
DIGITAL INPUT/OUTPUT
VIH
High-level input voltage
Referred to GND
1.2
VS+
V
A
VIL
Low-level input voltage
Referred to GND
0.8
V
A
VOH
High-level output voltage
1 k
Ω to GND
1.4
V
A
VOL
Low-level output voltage
1 k
Ω to GND
0.4
V
A
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6401


Similar Part No. - LMH6401_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
More results

Similar Description - LMH6401_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
LMH2832 TI1-LMH2832 Datasheet
1Mb / 46P
[Old version datasheet]   LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9076 TRIQUINT-TQM8M9076_15 Datasheet
335Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077_15 Datasheet
451Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
NXP Semiconductors
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com