Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH3401IRMSR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH3401IRMSR
Description  LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH3401IRMSR Datasheet(HTML) 3 Page - Texas Instruments

  LMH3401IRMSR Datasheet HTML 1Page - Texas Instruments LMH3401IRMSR Datasheet HTML 2Page - Texas Instruments LMH3401IRMSR Datasheet HTML 3Page - Texas Instruments LMH3401IRMSR Datasheet HTML 4Page - Texas Instruments LMH3401IRMSR Datasheet HTML 5Page - Texas Instruments LMH3401IRMSR Datasheet HTML 6Page - Texas Instruments LMH3401IRMSR Datasheet HTML 7Page - Texas Instruments LMH3401IRMSR Datasheet HTML 8Page - Texas Instruments LMH3401IRMSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
NC
IN-
LMH3401
IN+
NC
4
5
6
7
GND
OUT+
OUT-
GND
13
12
11
14
VS-
CM
VS+
VS-
PD
VS+
LMH3401
www.ti.com
SBOS695A – AUGUST 2014 – REVISED DECEMBER 2014
5 Device Comparison Table
DEVICE
BW (AV = 12 dB)
DISTORTION
NOISE
LMH5401
6.2 GHz
–80-dBc HD2, –77-dBc HD3 at 500 MHz
1.25 nV/
√Hz
LMH6554
1.6 GHz
–79-dBc HD2, –70-dBc HD3 at 250 MHz
0.9 nV/
√Hz
LMH6552
0.8 GHz
–74-dBc HD2, –84-dBc HD3 at 70 MHz
1.1 nV /
√Hz
6 Pin Configuration and Functions
RMS Package
UQFN-14
(Top View)
Pin Functions
PIN
NAME
NO.
I/O
DESCRIPTION
CM
2
I
Output common-mode voltage control input pin
Ground. This ground does not impact the signal path, this pin is the reference for the
GND
11, 14
P
digital input pin (PD).
IN–
5
I
Inverting input pin
IN+
6
I
Noninverting input pin
NC
4, 7
No internal connection
OUT–
12
O
Inverting output pin
OUT+
13
O
Noninverting output pin
Power down.
PD
9
I
High (> GND + 1.2 V) = low-power (sleep) mode. Low (< GND + 0.9 V) = active.
VS–
3, 8
P
Power-supply pins, negative rail
VS+
1, 10
P
Power-supply pins, positive rail
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH3401


Similar Part No. - LMH3401IRMSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH3401 TI-LMH3401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
More results

Similar Description - LMH3401IRMSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH3401 TI-LMH3401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com