Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH2832IRHAT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH2832IRHAT
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2832IRHAT Datasheet(HTML) 3 Page - Texas Instruments

  LMH2832IRHAT Datasheet HTML 1Page - Texas Instruments LMH2832IRHAT Datasheet HTML 2Page - Texas Instruments LMH2832IRHAT Datasheet HTML 3Page - Texas Instruments LMH2832IRHAT Datasheet HTML 4Page - Texas Instruments LMH2832IRHAT Datasheet HTML 5Page - Texas Instruments LMH2832IRHAT Datasheet HTML 6Page - Texas Instruments LMH2832IRHAT Datasheet HTML 7Page - Texas Instruments LMH2832IRHAT Datasheet HTML 8Page - Texas Instruments LMH2832IRHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Not to scale
Thermal
Pad
1
INMA
30
OUTMA
2
GND
29
GND
3
VCC
28
VCC
4
CS
27
VCC
5
SCLK,Thermal_pad
26
VCC
6
SDI
25
VCC
7
SDO
24
VCC
8
VCC
23
VCC
9
GND
22
GND
10
INMB
21
OUTMB
3
LMH2832
www.ti.com
SBOS709A – JULY 2016 – REVISED JULY 2016
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
Table 1. DVGA Device Comparison
DEVICE
MAX GAIN, BW
DISTORTION
NOISE FIGURE
LMH6401
26 dB, 4.5 GHz
43-dBm OIP3 at 200 MHz, –80-dBc HD3 at 200 MHz
7.7 dB
LHM6517
22 dB, 1.2 GHz
43-dBm OIP3 at 200 MHz, –74-dBc HD3 at 200 MHz
5.5 dB
LMH6521
26 dB, 1.2 GHz
49-dBm OIP3 at 200 MHz, –84-dBc HD3 at 200 MHz
7.3 dB
LMH6881
26 dB, 2.4 GHz
42-dBm OIP3 at 200 MHz, –76-dBc HD3 at 200 MHz
9.7 dB
6 Pin Configuration and Functions
RHA Package
40-Pin VQFN
Top View


Similar Part No. - LMH2832IRHAT

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMH2 CREE-LMH2 Datasheet
1Mb / 21P
   LMH2 LED Modules Family
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100TM NSC-LMH2100TM Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Similar Description - LMH2832IRHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6401 TI1-LMH6401_16 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
NXP Semiconductors
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com