Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH2832IRHAR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH2832IRHAR
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2832IRHAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH2832IRHAR Datasheet HTML 6Page - Texas Instruments LMH2832IRHAR Datasheet HTML 7Page - Texas Instruments LMH2832IRHAR Datasheet HTML 8Page - Texas Instruments LMH2832IRHAR Datasheet HTML 9Page - Texas Instruments LMH2832IRHAR Datasheet HTML 10Page - Texas Instruments LMH2832IRHAR Datasheet HTML 11Page - Texas Instruments LMH2832IRHAR Datasheet HTML 12Page - Texas Instruments LMH2832IRHAR Datasheet HTML 13Page - Texas Instruments LMH2832IRHAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100 110
46
47
48
49
50
51
52
53
54
55
56
D038
Bias Setting = 00h
Bias Setting = 02h
Bias Setting = 08h
Bias Setting = 20h
Bias Setting = 80h
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D039
IMD2 (dBc)
IMD3 (dBc)
Temperature (°C)
-40
-20
0
20
40
60
80
100 110
50
51
52
53
54
55
56
57
58
D006
VS = 4.5 V
VS = 4.75 V
VS = 5 V
VS = 5.25 V
Temperature (°C)
-40
-20
0
20
40
60
80
100 110
40
41
42
43
44
45
46
D007
VS = 4.5 V
VS = 4.75 V
VS = 5 V
VS = 5.25 V
POUT per tone (dBm)
0
2
4
6
8
10
12
14
25
30
35
40
45
50
55
60
D003
Av = 30 dB
Av = 22 dB
Av = 14 dB
Av = 6 dB
Av = 2 dB
Av = -2 dB
Frequency (MHz)
0
50 100 150 200 250 300 350 400 450 500 550 600
25
30
35
40
45
50
55
60
D005
Channel A
Channel B
10
LMH2832
SBOS709A – JULY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS+ = 5 V, Ri = 75 Ω, RL = 150 Ω, maximum gain (1:2-Ω ratio transformer plus 30-dB DVGA gain), f = 5 MHz to
300 MHz, VO converted to single-ended (SE) measurement with transformer, and default current setting (unless otherwise
noted); upon power-up, gain is set to mid-range
f = 200 MHz
Figure 7. OIP3 vs Output Power
POUT = 0 dBm per tone
Figure 8. OIP3 Channel Comparison
POUT = 0 dBm per tone
Figure 9. OIP3 vs Temperature and Supply Voltage
(f = 200 MHz)
POUT = 0 dBm per tone
Figure 10. OIP3 vs Temperature and Supply Voltage
(f = 300 MHz)
POUT = 0 dBm per tone
Figure 11. OIP3 vs Temperature and Bias Setting
(f = 200 MHz)
POUT = 0 dBm per tone
Figure 12. Intermodulation Distortion vs Frequency


Similar Part No. - LMH2832IRHAR

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMH2 CREE-LMH2 Datasheet
1Mb / 21P
   LMH2 LED Modules Family
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100TM NSC-LMH2100TM Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Similar Description - LMH2832IRHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6401 TI1-LMH6401_16 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
NXP Semiconductors
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com