Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1620C-TO220AB Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SR1620C-TO220AB
Description  16.0Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SR1620C-TO220AB Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SR1620C-TO220AB Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SR1620C-TO220AB Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings And Characteristic Curves
SR1620C THRU SR16100C
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
0
30
60
90
120
150
100
10
1.0
0.1
0.01
0.001
TJ=100 °C
TJ=25 °C
0.01
0.1
1
10
100
100
10
1
0.1
150
125
100
75
50
25
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.2
0.4
0.6
0.8
1.0
1.1
0.01
0.1
1
50
10
SR1650C-SR1660C
SR1620C-SR1645C
SR1670C-SR16100C
TJ=25 C
PULSE WIDTH=300
μs
1%DUTY CYCLE
0.1
1.0
10
100
TJ=25 C
10
100
1000
2000
SR1650C-SR16100C
SR1620C-SR1645C
20
16
12
8
4
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
SR1650C-SR16A0C
SR1620C-SR1645C
www.yfwdiode.com


Similar Part No. - SR1620C-TO220AB

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR1620C MIC-SR1620C Datasheet
44Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR1620C RECTRON-SR1620C Datasheet
183Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere
logo
Microdiode Electronics ...
SR1620C CHENDA-SR1620C Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR1620C SHUNYE-SR1620C Datasheet
235Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR1620CS RECTRON-SR1620CS Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes)
More results

Similar Description - SR1620C-TO220AB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SR1620 LUGUANG-SR1620 Datasheet
253Kb / 2P
   16.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP1620 SECOS-SP1620 Datasheet
186Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
SR16150 SECOS-SR16150 Datasheet
193Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
SP16200 SECOS-SP16200 Datasheet
241Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SRA1620 LUGUANG-SRA1620 Datasheet
213Kb / 2P
   16.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SPK1645 SECOS-SPK1645_15 Datasheet
296Kb / 2P
   16.0Amp Schottky Barrier Rectifiers
SR16200 SECOS-SR16200 Datasheet
214Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
SP16150 SECOS-SP16150 Datasheet
236Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
SM1620D SECOS-SM1620D Datasheet
346Kb / 2P
   16.0AMP Surface Mount Schottky Barrier Rectifiers
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
   VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com