Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3794ARHBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3794ARHBR
Description  Low-Power Stereo Audio CODEC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3794ARHBR Datasheet(HTML) 1 Page - Texas Instruments

  PCM3794ARHBR Datasheet HTML 1Page - Texas Instruments PCM3794ARHBR Datasheet HTML 2Page - Texas Instruments PCM3794ARHBR Datasheet HTML 3Page - Texas Instruments PCM3794ARHBR Datasheet HTML 4Page - Texas Instruments PCM3794ARHBR Datasheet HTML 5Page - Texas Instruments PCM3794ARHBR Datasheet HTML 6Page - Texas Instruments PCM3794ARHBR Datasheet HTML 7Page - Texas Instruments PCM3794ARHBR Datasheet HTML 8Page - Texas Instruments PCM3794ARHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital
Speaker Amplifier
• 2 (I2C) or 3 (SPI) Wire Serial Control
• Analog Front End:
• Programmable Function by Register Control:
Stereo Single-Ended Input With Multiplexer
Digital Attenuation of DAC: 0 dB to –62 dB
Mono Differential Input
Digital Gain of DAC: 0, 6, 12, 18 dB
Stereo Programmable Gain Amplifier
Power Up/Down Control for Each Module
Microphone Amplifier (20 dB) and Bias
6-dB to –70-dB Gain for Analog Outputs
• Analog Back End:
30-dB to –12-dB Gain for Analog Inputs
Stereo/Mono Line Output With Volume
0/20 dB Selectable for Microphone Input
Stereo/Mono Headphone Amplifier With
0-dB to –21-dB Gain for Analog Mixing
Volume and Capless Mode
Parameter Settings for ALC
Stereo/Mono Digital Speaker Amplifier
Three-Band Tone Control and 3D Sound
(BTL) With Volume
High-Pass Filter: 4-, 120-, 240-Hz
• Analog Performance:
Two-Stage Programmable Notch Filter
Dynamic Range: 93 dB (DAC)
Analog Mixing Control
Dynamic Range: 90 dB (ADC)
• Pop-Noise Reduction Circuit
40-mW + 40-mW Headphone Output at
• Short and Thermal Protection Circuit
RL = 16 Ω
• Package: 5-mm × 5-mm QFN Pacakge
700-mW + 700-mW Speaker Output at
• Operation Temperature Range: –40°C to 85°C
RL = 8 Ω
• Power Supply Voltage
1.71 V to 3.6 V for Digital I/O Section
• Portable Audio Player, Cellular Phone
1.71 V to 3.6 V for Digital Core Section
• Video Camcorder, Digital Movie/Still Camera
2.4 V to 3.6 V for Analog Section
• PMP/DMB
2.4 V to 3.6 V for Power Amplifier Section
• Low Power Dissipation:
The PCM3793A/94A is a low-power stereo CODEC
7 mW in Playback, 1.8 V/2.4 V, 48 kHz
designed for portable digital audio applications. The
13 mW in Record, 1.8 V/2.4 V, 48 kHz
device integrates stereo digital speaker amplifier,
3.3
µW in Power Down
headphone amplifier, line amplifier, line input, boost
• Sampling Frequency: 5 kHz to 50 kHz
amplifier,
microphone
bias,
programmable
gain
control, analog mixing, sound effects, and automatic
• Automatic Level Control for Recording
level control (ALC). It is available in a small-footprint,
• Operation From a Single Clock Input Without
5-mm
× 5-mm QFN package. The PCM3793A/94A
PLL
supports right-justified, left-justified, I2S, and DSP
• System Clock:
formats, providing easy interfacing to audio DSP and
decoder/encoder chips. Sampling rates up to 50 kHz
Common-Audio Clock (256 fS/384 fS), 12/24,
are supported. The user-programmable functions are
13/26, 13.5/27, 19.2/38.4, 19.68/39.36 MHz
accessible through a two- or three-wire serial control
• Headphone Plug Insert Detection
port.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM3794ARHBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3794ARHBR BURR-BROWN-PCM3794ARHBR Datasheet
1Mb / 68P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
More results

Similar Description - PCM3794ARHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
PCM3793 TI1-PCM3793_16 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com