Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2707PJT Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM2707PJT
Description  SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2707PJT Datasheet(HTML) 4 Page - Texas Instruments

  PCM2707PJT Datasheet HTML 1Page - Texas Instruments PCM2707PJT Datasheet HTML 2Page - Texas Instruments PCM2707PJT Datasheet HTML 3Page - Texas Instruments PCM2707PJT Datasheet HTML 4Page - Texas Instruments PCM2707PJT Datasheet HTML 5Page - Texas Instruments PCM2707PJT Datasheet HTML 6Page - Texas Instruments PCM2707PJT Datasheet HTML 7Page - Texas Instruments PCM2707PJT Datasheet HTML 8Page - Texas Instruments PCM2707PJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
PCM2704
,, PCM2705
PCM2706, PCM2707
SLES081F – JUNE 2003 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
all specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz,16-bit data (unless otherwise noted)
PCM2704DB, PCM2705DB,
PCM2706PJT, PCM2707PJT
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
ANALOG OUTPUT
Output voltage
0.55 VCCL, 0.55 VCCR
Vp-p
Center voltage
0.5 VCCP
V
Line
AC coupling
10
k
Load impedance
Headphone
AC coupling
16
32
–3 dB
140
kHz
LPF frequency response
f = 20 kHz
–0.1
dB
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fs
Hz
Stop band
0.546 fs
Hz
Pass-band ripple
±0.04
dB
Stop-band attenuation
–50
dB
Delay time
20/fs
s
POWER SUPPLY REQUIREMENTS
VBUS
Bus-powered
4.35
5
5.25
Voltage range
Vdc
VCCP, VCCL, VCCR,
Self-powered
3
3.3
3.6
VDD
Line
DAC operation
23
30
mA
Supply current
Headphone
DAC operation RL = 32 Ω)
35
46
Line/headphone
Suspend mode (6)
150
190
µA
Line
DAC operation
76
108
mW
Power dissipation
Headphone
DAC operation RL = 32 Ω)
116
166
(self-powered)
Line/headphone
Suspend mode (6)
495
684
µW
Line
DAC operation
115
158
mW
Power dissipation
Headphone
DAC operation RL = 32 Ω)
175
242
(bus-powered)
Line/headphone
Suspend mode (6)
750
998
µW
Internal power-supply
VCCP, VCCL, VCCR,
Bus-powered
3.2
3.35
3.5
Vdc
voltage (7)
VDD
TEMPERATURE RANGE
Operating temperature
–25
85
°C
28-pin SSOP
100
(PCM2704/5)
θ
JA
Thermal resistance
°C/W
32-pin TQFP
80
(PCM2706/7)
(6)
Under USB suspend state.
(7)
VDD, VCCP, VCCL, VCCR. These pins work as output pins of internal power supply for bus-powered operation.
4
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707
PCM2704 and PCM2705
Not Recommended For New Designs


Similar Part No. - PCM2707PJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2707PJT TI-PCM2707PJT Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PCM2707PJTR TI-PCM2707PJTR Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
More results

Similar Description - PCM2707PJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
[Old version datasheet]   Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2904 TI1-PCM2904_09 Datasheet
484Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com