Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3691 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3691
Description  (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3691 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3691 Datasheet HTML 1Page - National Semiconductor (TI) DS3691 Datasheet HTML 2Page - National Semiconductor (TI) DS3691 Datasheet HTML 3Page - National Semiconductor (TI) DS3691 Datasheet HTML 4Page - National Semiconductor (TI) DS3691 Datasheet HTML 5Page - National Semiconductor (TI) DS3691 Datasheet HTML 6Page - National Semiconductor (TI) DS3691 Datasheet HTML 7Page - National Semiconductor (TI) DS3691 Datasheet HTML 8Page - National Semiconductor (TI) DS3691 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC Electrical Characteristics (Note 6)
T
A = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RS-422 CONNECTION, V
CC = 5V, MODE SELECT = 0.8V
t
r
Output Rise Time
R
L = 100
Ω,C
L = 500 pF (Figure 1 )
120
200
ns
t
f
Output Fall Time
R
L = 100
Ω,C
L = 500 pF (Figure 1 )
120
200
ns
t
PDH
Output Propagation Delay
R
L = 100
Ω,C
L = 500 pF (Figure 1 )
120
200
ns
t
PDL
Output Propagation Delay
R
L = 100
Ω,C
L = 500 pF (Figure 1 )
120
200
ns
t
PZL
TRI-STATE Delay
R
L = 450
Ω,C
L = 500 pF, CC =0pF (Figure 4 )
250
350
ns
t
PZH
TRI-STATE Delay
R
L = 450
Ω,C
L = 500 pF, CC =0pF (Figure 4 )
180
300
ns
t
PLZ
TRI-STATE Delay
R
L = 450
Ω,C
L = 500 pF, CC =0pF (Figure 4 )
180
300
ns
t
PHZ
TRI-STATE Delay
R
L = 450
Ω,C
L = 500 pF, CC =0pF (Figure 4 )
250
350
ns
DC Electrical Characteristics (Notes 3, 4, 5, 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RS-423 CONNECTION, |V
CC|=|V EE|, MODE SELECT
≥ 2V
V
IH
High Level Input Voltage
2
V
V
IL
Low Level Input Voltage
0.8
V
I
IH
High Level Input Current
V
IN = 2.4V
1
40
µA
V
IN
≤ 15V
10
100
µA
I
IL
Low Level Input Current
V
IN = 0.4V
−30
−200
µA
V
I
Input Clamp Voltage
I
IN = −12 mA
−1.5
V
V
O
Output Voltage
R
L = , (Note 7)
V
IN = 2V
4.0
4.4
6.0
V
V
O
V
CC
≥ 4.75V
V
IN = 0.4V
−4.0
−4.4
−6.0
V
V
T
Output Voltage
R
L = 450
V
IN = 2.4V
3.6
4.1
V
V
T
V
CC
≥ 4.75V
V
IN = 0.4V
−3.6
−4.1
V
|V
T|−|VT |
Output Unbalance
|V
CC|=|VEE| = 4.75V, R L = 450
0.02
0.4
V
I
X
+
Output Leakage Power OFF
V
CC =V EE =0V
V
O = 6V
2
100
µA
I
X
Output Leakage Power OFF
V
CC =V EE =0V
V
O = −6V
−2
−100
µA
I
S
+
Output Short Circuit Current
V
O =0V
V
IN = 2.4V
−80
−150
mA
I
S
Output Short Circuit Current
V
O =0V
V
IN = 0.4V
80
150
mA
I
SLEW
Slew Control Current
±140
µA
I
CC
Positive Supply Current
V
IN = 0.4V, RL =
18
30
mA
I
EE
Negative Supply Current
V
IN = 0.4V, RL =
−10
−22
mA
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: Unless otherwise specified, min/max limits apply across the −55˚C to +125˚C temperature range for the DS1691A and across the 0˚C to +70˚C range for
the DS3691. All typicals are given for V CC = 5V and TA = 25˚C. VCC and VEE as listed in operating conditions.
Note 4: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to ground unless otherwise specified.
Note 5: Only one output at a time should be shorted.
Note 6: Symbols and definitions correspond to EIA RS-422 and/or RS-423 where applicable.
Note 7: At −55˚C, the output voltage is +3.9V minimum and −3.9V minimum.
AC Electrical Characteristics (Note 6)
T
A = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RS-423 CONNECTION, V
CC = 5V, VEE −5V, MODE SELECT = 2.4V
t
r
Rise Time
R
L = 450
Ω,C
L = 500 pF, CC =0(Figure 2 )
120
300
ns
t
f
Fall Time
R
L = 450
Ω,C
L = 500 pF, CC =0(Figure 2 )
120
300
ns
t
r
Rise Time
R
L = 450
Ω,C
L = 500 pF CC =50pF(Figure 3 )
3.0
µs
t
f
Fall Time
R
L = 450
Ω,C
L = 500 pF CC =50pF(Figure 3 )
3.0
µs
t
rc
Rise Time Coefficient
R
L = 450
Ω,C
L = 500 pF, CC =50pF(Figure 3 )
0.06
µs/pF
www.national.com
3


Similar Part No. - DS3691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3691 TI1-DS3691 Datasheet
1,000Kb / 15P
[Old version datasheet]   Line Drivers with TRI-STATE Outputs
DS3691M TI1-DS3691M Datasheet
1,000Kb / 15P
[Old version datasheet]   Line Drivers with TRI-STATE Outputs
DS3691M/NOPB TI1-DS3691M/NOPB Datasheet
1,000Kb / 15P
[Old version datasheet]   Line Drivers with TRI-STATE Outputs
DS3691MX/NOPB TI1-DS3691MX/NOPB Datasheet
1,000Kb / 15P
[Old version datasheet]   Line Drivers with TRI-STATE Outputs
More results

Similar Description - DS3691

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP306 SIPEX-SP306 Datasheet
74Kb / 6P
   RS-422/RS-423 Line Drivers/Receivers
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP304 SIPEX-SP304 Datasheet
143Kb / 12P
   RS-232/RS-422 Line Drivers/Receivers
SP301 SIPEX-SP301 Datasheet
186Kb / 18P
   RS-232/RS-422 Line Drivers/Receivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com