Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2706PJT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2706PJT
Description  SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2706PJT Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM2706PJT Datasheet HTML 5Page - Texas Instruments PCM2706PJT Datasheet HTML 6Page - Texas Instruments PCM2706PJT Datasheet HTML 7Page - Texas Instruments PCM2706PJT Datasheet HTML 8Page - Texas Instruments PCM2706PJT Datasheet HTML 9Page - Texas Instruments PCM2706PJT Datasheet HTML 10Page - Texas Instruments PCM2706PJT Datasheet HTML 11Page - Texas Instruments PCM2706PJT Datasheet HTML 12Page - Texas Instruments PCM2706PJT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
SSPND
VCCP
VCCL
VCCR
VDD
ZGND
DGND
AGNDR
AGNDL
PGND
VCOM
Analog
PLL
FIFO
DAC
VOUTL
S/PDIF
Encoder
XTI
XTO
12 MHz
PLL (
×8)
96 MHz
Tracker
(SpAct)
USB
Protocol
Controller
Power
Manager
5-V to 3.3-V
Voltage Regulator
Control
Endpoint
ISO-Out
Endpoint
HID
Endpoint
VBUS
D+
D–
DT
HOST
HID0/MS
HID1/MC
HID2/MD
CK
VOUTR
FUNC1
DOUT
FUNC3
I2S I/F
PSEL
TEST
EEPROM
Interface(1)
SPI
Interface(2)
FUNC2
FUNC0
FSEL
BCK
DIN
SYSCK
LRCK
DOUT
HID3: Next Track(1)
HID4: Previous Track(1)
HID5: Stop (1)
HID6: Play/Pause (1)
B0055-01
PCM2704
,, PCM2705
PCM2706, PCM2707
www.ti.com....................................................................................................................................................... SLES081F – JUNE 2003 – REVISED JANUARY 2009
BLOCK DIAGRAM (PCM2706PJT/PCM2707PJT)
(1)
Applies to PCM2706PJT
(2)
Applies to PCM2707PJT
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707
PCM2704 and PCM2705
Not Recommended For New Designs


Similar Part No. - PCM2706PJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2706PJT TI-PCM2706PJT Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PCM2706PJTR TI-PCM2706PJTR Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
More results

Similar Description - PCM2706PJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
[Old version datasheet]   Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2904 TI1-PCM2904_09 Datasheet
484Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com