Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3500E Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3500E
Description  VOICE/MODEM CODEC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3500E Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM3500E Datasheet HTML 6Page - Texas Instruments PCM3500E Datasheet HTML 7Page - Texas Instruments PCM3500E Datasheet HTML 8Page - Texas Instruments PCM3500E Datasheet HTML 9Page - Texas Instruments PCM3500E Datasheet HTML 10Page - Texas Instruments PCM3500E Datasheet HTML 11Page - Texas Instruments PCM3500E Datasheet HTML 12Page - Texas Instruments PCM3500E Datasheet HTML 13Page - Texas Instruments PCM3500E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
®
10
PCM3500
TYPICAL PERFORMANCE CURVES (Cont.)
TA = +25°C, VCC = VDD = +3.3V, fS = 8kHz, and fSIGNAL = 1kHz, unless otherwise specified.
ADC SECTION
ADC CHARACTERISTICS vs TEMPERATURE, SUPPLY AND SAMPLING FREQUENCY
TOTAL HARMONIC DISTORTION + NOISE
vs TEMPERATURE
(T
A = –25°C to +85°C)
Temperature (
°C)
–84
–86
–88
–90
–92
–25
0
25
50
75
100
–50
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs TEMPERATURE
(T
A = –25°C to +85°C)
Temperature (
°C)
92
90
88
86
84
–25
0
25
50
75
100
–50
Dynamic Range
SNR
TOTAL HARMONIC DISTORTION + NOISE
vs SUPPLY VOLTAGE
(V
CC = VDD = +2.7V to +3.6V)
Supply Voltage (V)
–84
–86
–88
–90
–92
2.7
3.0
3.3
3.6
3.9
2.4
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs SUPPLY VOLTAGE
(V
CC = VDD = +2.7V to +3.6V)
Supply Voltage (V)
92
90
88
86
84
2.7
3.0
3.3
3.6
3.9
2.4
SNR
Dynamic Range
TOTAL HARMONIC DISTORTION + NOISE
vs SAMPLING FREQUENCY
(f
S = 8kHz to 26kHz)
f
S (kHz)
–84
–86
–88
–90
–92
816
24
32
0
BW = 3.4kHz
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs SAMPLING FREQUENCY
(f
S = 8kHz to 26kHz)
f
S (kHz)
96
94
92
90
88
816
24
32
0
BW = 3.4kHz
Dynamic Range
SNR


Similar Part No. - PCM3500E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3500E TI-PCM3500E Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
PCM3500E/2K TI-PCM3500E/2K Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
More results

Similar Description - PCM3500E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
logo
Agere Systems
CSP1027 AGERE-CSP1027 Datasheet
937Kb / 64P
   CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Analog Devices
AD1803 AD-AD1803_15 Datasheet
5Mb / 32P
   Modem/Telephony Codec
REV. A
logo
List of Unclassifed Man...
TTC-50231 ETC2-TTC-50231 Datasheet
640Kb / 4P
   Voice/Modem Line Transformers
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Texas Instruments
TLC320AD535C-I TI-TLC320AD535C-I Datasheet
205Kb / 43P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
logo
IXYS Corporation
CPC5750 IXYS-CPC5750 Datasheet
467Kb / 37P
   Single-Channel Voice Band CODEC
logo
CML Microcircuits
FX709 CMLMICRO-FX709 Datasheet
371Kb / 12P
   VOICE STORE RETRIEVE CVSD CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com