Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3060PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3060PW
Description  96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3060PW Datasheet(HTML) 4 Page - Texas Instruments

  PCM3060PW Datasheet HTML 1Page - Texas Instruments PCM3060PW Datasheet HTML 2Page - Texas Instruments PCM3060PW Datasheet HTML 3Page - Texas Instruments PCM3060PW Datasheet HTML 4Page - Texas Instruments PCM3060PW Datasheet HTML 5Page - Texas Instruments PCM3060PW Datasheet HTML 6Page - Texas Instruments PCM3060PW Datasheet HTML 7Page - Texas Instruments PCM3060PW Datasheet HTML 8Page - Texas Instruments PCM3060PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
www.ti.com
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI1 = SCKI2 = 512 fS, 24-bit data (unless otherwise
noted).
PCM3060PW
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DYNAMIC PERFORMANCE (6) (7)
VIN = –1 dB, fS = 48 kHz
–93
–85
THD+N
Total harmonic distortion + noise
dB
VIN = –1 dB, fS = 96 kHz
–93
fS = 48 kHz, A-weighted
95
99
Dynamic range
dB
fS = 96 kHz, A-weighted
101
fS = 48 kHz, A-weighted
95
99
SNR
Signal-to-noise ratio
dB
fS = 96 kHz, A-weighted
101
fS = 48 kHz
92
96
Channel separation
dB
(between L-ch and R-ch)
fS = 96 kHz
98
fS1 = 48 kHz, fS2 = 44.1 kHz
92
96
Crosstalk from DAC
dB
fS1 = 96 kHz, fS2 = 44.1 kHz
98
DIGITAL FILTER PERFORMANCE
0.454
Pass band
Hz
fS
0.583
Stop band
Hz
fS
Pass-band ripple
< 0.454 fS
±0.05
dB
Stop-band attenuation
> 0.583 fS
–65
dB
Group delay time
17.4/fS
s
0.019 fS
HPF frequency response
–3 dB
Hz
/1000
DAC CHARACTERISTICS
Resolution
16
24
Bits
ANALOG OUTPUT
Single-ended
0.8 VCC
Output voltage
Vp-p
Differential
1.6 VCC
Single-ended
0.5 VCC
Center voltage
V
Differential
0.48 VCC
AC-coupled
5
Load impedance
k
DC-coupled
10
f = 20 kHz
–0.02
dB
LPF frequency response
f = 44 kHz
–0.07
–3 dB
300
kHz
DC ACCURACY
Gain mismatch,
±1
±4
% of FSR
channel-to-channel
Gain error
±2
±6
% of FSR
Single-ended
±1
±2
Bipolar zero error
% of FSR
Differential (VOUTX+ – VOUTX–)
±1
(6)
fIN = 1 kHz, using System Two audio measurement system by Audio Precision, RMS mode with 20-kHz LPF and 400-Hz HPF.
(7)
fS = 96 kHz: SCKI1 = SCKI2 = 256 fS, fS = 192 kHz: SCKI1 = 512 fS at fS = 48 kHz and SCKI2 = 128 fS at fS = 192 kHz.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3060


Similar Part No. - PCM3060PW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3060PW BURR-BROWN-PCM3060PW Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PCM3060PWR BURR-BROWN-PCM3060PWR Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results

Similar Description - PCM3060PW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com