Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2906DBG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM2906DBG4
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2906DBG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM2906DBG4 Datasheet HTML 3Page - Texas Instruments PCM2906DBG4 Datasheet HTML 4Page - Texas Instruments PCM2906DBG4 Datasheet HTML 5Page - Texas Instruments PCM2906DBG4 Datasheet HTML 6Page - Texas Instruments PCM2906DBG4 Datasheet HTML 7Page - Texas Instruments PCM2906DBG4 Datasheet HTML 8Page - Texas Instruments PCM2906DBG4 Datasheet HTML 9Page - Texas Instruments PCM2906DBG4 Datasheet HTML 10Page - Texas Instruments PCM2906DBG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ti.com
PCM2904
PCM2906
SLES042C – JUNE 2002 – REVISED NOVEMBER 2007
Table 2. PCM2906 TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGNDC
11
Analog ground for codec
AGNDP
18
Analog ground for PLL
AGNDX
22
Analog ground for oscillator
D–
2
I/O
USB differential input/output minus(1)
D+
1
I/O
USB differential input/output plus(1)
DGND
26
Digital ground
DGNDU
4
Digital ground for USB transceiver
DIN
24
I
S/PDIF input(2)
DOUT
25
O
S/PDIF output
HID0
5
I
HID key state input (mute), active-high(3)
HID1
6
I
HID key state input (volume up), active-high(3)
HID2
7
I
HID key state input (volume down), active-high(3)
SEL0
8
I
Must be set to high(4)
SEL1
9
I
Must be set to high(4)
SSPND
28
O
Suspend flag, active-low (Low: suspend, High: operational)
VBUS
3
Connect to USB power (VBUS)
VCCCI
10
Internal analog power supply for codec(5)
VCCP1I
17
Internal analog power supply for PLL(5)
VCCP2I
19
Internal analog power supply for PLL(5)
VCCXI
23
Internal analog power supply for oscillator(5)
VCOM
14
Common for ADC/DAC (VCCCI/2)
(5)
VDDI
27
Internal digital power supply(5)
VINL
12
I
ADC analog input for L-channel
VINR
13
I
ADC analog input for R-channel
VOUTL
16
O
DAC analog output for L-channel
VOUTR
15
O
DAC analog output for R-channel
XTI
21
I
Crystal oscillator input(6)
XTO
20
O
Crystal oscillator output
(1)
LV-TTL level
(2)
3.3-V CMOS-level input with internal pulldown, 5-V tolerant
(3)
3.3-V CMOS-level input with internal pulldown. This pin informs the PC of serviceable control signals such as mute, volume up, or
volume down, which have no direct connection with the internal DAC or ADC. See the Interface #3 and End-Points sections.
(4)
TTL Schmitt trigger, 5-V tolerant
(5)
Connect a decoupling capacitor to GND.
(6)
3.3-V CMOS-level input
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM2904 PCM2906


Similar Part No. - PCM2906DBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2906DB BURR-BROWN-PCM2906DB Datasheet
299Kb / 32P
   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906DB BURR-BROWN-PCM2906DB Datasheet
315Kb / 31P
   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906DBR BURR-BROWN-PCM2906DBR Datasheet
299Kb / 32P
   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906DBR BURR-BROWN-PCM2906DBR Datasheet
315Kb / 31P
   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2906DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704 TI1-PCM2704_15 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com