Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3008 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3008
Description  ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3008 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM3008 Datasheet HTML 5Page - Texas Instruments PCM3008 Datasheet HTML 6Page - Texas Instruments PCM3008 Datasheet HTML 7Page - Texas Instruments PCM3008 Datasheet HTML 8Page - Texas Instruments PCM3008 Datasheet HTML 9Page - Texas Instruments PCM3008 Datasheet HTML 10Page - Texas Instruments PCM3008 Datasheet HTML 11Page - Texas Instruments PCM3008 Datasheet HTML 12Page - Texas Instruments PCM3008 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
PCM3008
SLAS332 – APRIL 2001
9
www.ti.com
PCM audio interface
Digital audio data is interfaced to the PCM3008 on LRCK (pin 10), BCK (pin 12), DIN (pin 9), and DOUT (pin
8). PCM3008 can accept 16-bit standard format, right-justified 16 bit for DAC and left-justified 16 bit for ADC.
PCM3008 accepts 3 types of BCK and LRCK combination, with 64, 48 or 32 clocks of BCK in one clock of LRCK.
The following figures illustrate audio data input/output format and timing.
Ready
1
1024 1025
1
1024 1025
ZERO
tRSTB
1024 SYSCK
1024 SYSCK
After
Ready
After
Ready
Reset
Reset
Reset
Release
Reset
Release
tADCDLY1
tADCDLY1
tDACDLY1
tDACDLY1
tDACDLY1
VCOM (0.5 VDD)
2.1 V
0 V
VCC
SYSCK
PDAD
PDDA
Internal
Reset
ADC
DOUT
DAC
VO
SYMBOL
DEFINITION
MIN
TYP
MAX
UNIT
tRSTB
PDAD = LOW and PDDA = LOW pulse width
40
ns
tADCDLY1 Initial delay time
2240/fs
s
tDACDLY1 Fade in, fade out time
2080/fs
s
Figure 3. Power-On Reset Timing
LRCK
BCK
DIN
MSB
LSB
MSB
LSB
BCK
LRCK
Right-Channel
DOUT
MSB
LSB
MSB
LSB
16
1
2
3
14 15 16
1
2
3
14 15 16
14 15 16
12
3
14 15 16
12
3
1
DAC: 16-Bit, MSB-First, Right-Justified
ADC: 16-Bit, MSB-First, Left-Justified
Right-Channel
Left-Channel
Left-Channel
Figure 4. Audio Data Input/Output Format


Similar Part No. - PCM3008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3008 TI-PCM3008 Datasheet
424Kb / 27P
[Old version datasheet]   LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3008T TI-PCM3008T Datasheet
424Kb / 27P
[Old version datasheet]   LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3008T/2K TI-PCM3008T/2K Datasheet
424Kb / 27P
[Old version datasheet]   LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3008T2K TI-PCM3008T2K Datasheet
424Kb / 27P
[Old version datasheet]   LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
More results

Similar Description - PCM3008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
logo
Burr-Brown (TI)
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2906 BURR-BROWN-PCM2906 Datasheet
299Kb / 32P
   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com