Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3006 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM3006
Description  Single-Ended Analog Input/Output Stereo Audio Codec
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3006 Datasheet(HTML) 5 Page - Texas Instruments

  PCM3006 Datasheet HTML 1Page - Texas Instruments PCM3006 Datasheet HTML 2Page - Texas Instruments PCM3006 Datasheet HTML 3Page - Texas Instruments PCM3006 Datasheet HTML 4Page - Texas Instruments PCM3006 Datasheet HTML 5Page - Texas Instruments PCM3006 Datasheet HTML 6Page - Texas Instruments PCM3006 Datasheet HTML 7Page - Texas Instruments PCM3006 Datasheet HTML 8Page - Texas Instruments PCM3006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
P0006-01
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC1
VCC1
VINR
VREF1
VREF2
VINL
PDAD
PDDA
SYSCLK
LRCIN
BCKIN
DOUT
VCC2
NC
AGND
VCOM
VOUTR
VOUTL
DEM0
DEM1
NC
DIN
VDD
DGND
PCM3006
(TOP VIEW)
NC = No Connection
PCM3006
SBAS089A – OCTOBER 2000 – REVISED OCTOBER 2004
PIN CONFIGURATION
PIN ASSIGNMENTS
NAME
PIN
I/O
DESCRIPTION
AGND
22
Analog ground
BCKIN
11
I
Bit clock input(1)
DEM0
18
I
De-emphasis control 0(1)(2)
DEM1
17
I
De-emphasis control 1(1)(2)
DGND
13
Digital ground
DIN
15
I
Data input(1)
DOUT
12
O
Data output
LRCIN
10
I
Sample rate clock input (fs)(1)
NC
16, 23
No connection
PDAD
7
I
ADC power down, active LOW(1)(2)
PDDA
8
I
DAC power down, active LOW(1)(2)
SYSCLK
9
I
System clock input(1)
VCC1
1, 2
ADC analog power supply
VCC2
24
DAC analog power supply
VCOM
21
ADC/DAC common
VDD
14
Digital power supply
VINL
6
I
ADC analog input, Lch
VINR
3
I
ADC analog input, Rch
VOUTL
19
O
DAC analog output, Lch
VOUTR
20
O
DAC analog output, Rch
VREF1
4
ADC reference, 1
VREF2
5
ADC reference, 2
(1)
Schmitt-trigger input
(2)
With 100-k
Ω typical internal pulldown resistor
5


Similar Part No. - PCM3006

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
PCM3006T BURR-BROWN-PCM3006T Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
More results

Similar Description - PCM3006

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com