Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2704DBG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM2704DBG4
Description  SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2704DBG4 Datasheet(HTML) 2 Page - Texas Instruments

  PCM2704DBG4 Datasheet HTML 1Page - Texas Instruments PCM2704DBG4 Datasheet HTML 2Page - Texas Instruments PCM2704DBG4 Datasheet HTML 3Page - Texas Instruments PCM2704DBG4 Datasheet HTML 4Page - Texas Instruments PCM2704DBG4 Datasheet HTML 5Page - Texas Instruments PCM2704DBG4 Datasheet HTML 6Page - Texas Instruments PCM2704DBG4 Datasheet HTML 7Page - Texas Instruments PCM2704DBG4 Datasheet HTML 8Page - Texas Instruments PCM2704DBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM2704
,, PCM2705
PCM2706, PCM2707
SLES081F – JUNE 2003 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
over operating free-air temperature range unless otherwise noted
(1)
VBUS
–0.3 V to 6.5 V
Supply voltage
VCCP, VCCL, VCCR, VDD
–0.3 V to 4 V
Supply voltage differences
VCCP, VCCL, VCCR, VDD
±0.1 V
Ground voltage differences
PGND, AGNDL, AGNDR, DGND, ZGND
±0.1 V
HOST
–0.3 V to 6.5 V
Digital input voltage
D+, D–, HID0/MS, HID1/MC, HID2/MD, XTI, XTO, DOUT, SSPND, CK, DT,
–0.3 V to (VDD + 0.3) V < 4 V
PSEL, FSEL, TEST, TEST0, TEST1, FUNC0, FUNC1, FUNC2, FUNC3
VCOM
–0.3 V to (VCCP + 0.3) V < 4 V
Analog input voltage
VOUTR
–0.3 V to (VCCR + 0.3) V < 4 V
VOUTL
–0.3 V to (VCCL + 0.3) V < 4 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40°C to 125°C
Storage temperature
–55°C to 150°C
Junction temperature
150°C
Lead temperature (soldering)
260°C, 5 s
Package temperature (IR reflow, peak)
260°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range
MIN
NOM
MAX
UNIT
VBUS
4.35
5
5.25
Supply voltage
V
VCCP, VCCL, VCCR, VDD
3
3.3
3.6
Digital input logic level
TTL compatible
Digital input clock frequency
11.994
12
12.006
MHz
Analog output load resistance
16
32
Analog output load capacitance
100
pF
Digital output load capacitance
20
pF
Operating free-air temperature, TA
–25
85
C
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707
PCM2704 and PCM2705
Not Recommended For New Designs


Similar Part No. - PCM2704DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704DB TI-PCM2704DB Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PCM2704DBR TI-PCM2704DBR Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
More results

Similar Description - PCM2704DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
[Old version datasheet]   Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2904 TI1-PCM2904_09 Datasheet
484Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com