Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1870RHFT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1870RHFT
Description  Microphone Bias and Microphone Amplifier
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1870RHFT Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1870RHFT Datasheet HTML 2Page - Texas Instruments PCM1870RHFT Datasheet HTML 3Page - Texas Instruments PCM1870RHFT Datasheet HTML 4Page - Texas Instruments PCM1870RHFT Datasheet HTML 5Page - Texas Instruments PCM1870RHFT Datasheet HTML 6Page - Texas Instruments PCM1870RHFT Datasheet HTML 7Page - Texas Instruments PCM1870RHFT Datasheet HTML 8Page - Texas Instruments PCM1870RHFT Datasheet HTML 9Page - Texas Instruments PCM1870RHFT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
www.ti.com
AIN2L
AIN1L
AIN1R
AIN2R
MS/ADR
MC/SCL
MD/SDA
MODE
Serial Interface (SPI/I C)
2
AGND
DGND
V
COM
MICB
B0231-01
V
IO
V
DD
V
CC
MCB
Mic Bias
COM
PG1
0/+12/+20dB
0/+12/+20dB
Power On
Reset
Power Up/Down
Manager
D2S
PG2
COM
V
COM
Module That Can Be Powered Up/Down
SCKI
Audio Interface
ADL
PG3
PG4
+30to –12dB
+30to –12dB
Clock
Manager
ADR
BCK
DOUT
LRCK
DS
ADC
DS
ADC
Digital
Filter
Digital
Filter
Mute
ATR
AOL
PGINL TEST
AOR
PGINR
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1870


Similar Part No. - PCM1870RHFT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1870RHFT BURR-BROWN-PCM1870RHFT Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
More results

Similar Description - PCM1870RHFT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_09 Datasheet
309Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814 MAXIM-MAX9814 Datasheet
337Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
MAX9814ETD MAXIM-MAX9814ETD Datasheet
1Mb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814 MAXIM-MAX9814_V01 Datasheet
1Mb / 13P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
19-0764; Rev 3; 8/16
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
STMicroelectronics
LS188 STMICROELECTRONICS-LS188 Datasheet
101Kb / 3P
   MICROPHONE AMPLIFIER
logo
Rohm
BA7760 ROHM-BA7760 Datasheet
67Kb / 6P
   Microphone Amplifier
logo
California Micro Device...
CMAMP110 CALMIRCO-CMAMP110 Datasheet
91Kb / 7P
   Microphone Amplifier
logo
ON Semiconductor
LA74309FA ONSEMI-LA74309FA Datasheet
93Kb / 5P
   Microphone Amplifier
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com