Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1850PJTR Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1850PJTR
Description  6  2-CHANNEL MUX AND PGA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1850PJTR Datasheet(HTML) 1 Page - Texas Instruments

  PCM1850PJTR Datasheet HTML 1Page - Texas Instruments PCM1850PJTR Datasheet HTML 2Page - Texas Instruments PCM1850PJTR Datasheet HTML 3Page - Texas Instruments PCM1850PJTR Datasheet HTML 4Page - Texas Instruments PCM1850PJTR Datasheet HTML 5Page - Texas Instruments PCM1850PJTR Datasheet HTML 6Page - Texas Instruments PCM1850PJTR Datasheet HTML 7Page - Texas Instruments PCM1850PJTR Datasheet HTML 8Page - Texas Instruments PCM1850PJTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
24-BIT, 96-kHz STEREO A/D CONVERTER
WITH 6
y 2-CHANNEL MUX AND PGA
FEATURES
D Multiplexer and Programmable-Gain Amplifier
(PGA)
− 6
×2-Channel Single-Ended Inputs
− Multiplexed Output
− Maximum Input Level: 2.4 V rms
− Input Resistance: 50 k
Ω, Minimum
− PGA Gain: 11 to –11 dB Range,
0.5 dB/Step
D 24-Bit Delta-Sigma Stereo A/D Converter
D Antialiasing Filter Included
D Oversampling Decimation Filter
− Oversampling Frequency:
×64
− Pass-Band Ripple:
±0.05 dB
− Stop-Band Attenuation: –65 dB
− On-Chip High-Pass Filter: 0.91 Hz (48 kHz)
D High Performance
− THD+N: 0.0023% (Typically)
− SNR: 101 dB (Typically)
− Dynamic Range: 102 dB (Typically)
D PCM Audio Interface
− Master/Slave Mode Selectable
− Data Formats: 24-Bit Left Justified,
24-Bit I2S, 16-, 24-Bit Right Justified
D Mode Control by Serial Interface:
− With SPI Control (PCM1850)
− With I2C Control (PCM1851)
D Sampling Rate: 16–96 kHz
D System Clock: 256 fs, 384 fs, 512 fs, 768 fs
D Dual Power Supplies:
5 V for Analog, 3.3 V for Digital
D Package: 32-Pin TQFP
D Lead-Free Product
APPLICATIONS
D DVD/HDD/DVD+HDD Recorder
D AV Amplifier Receiver
D CD Recorder
D MD Recorder
D Multi-Track Recorder
D Electric Musical Instrument
DESCRIPTION
The PCM1850/1851 is a high-performance, low-cost, single-chip stereo analog-to-digital converter with a single-ended
analog front end that consists of a 6-stereo-input multiplexer and wide-range PGA. The PCM1850/1851 includes a
delta-sigma modulator with 64-times oversampling, a digital decimation filter and a low-cut filter that removes the dc
component of the input signal. For various applications, the PCM1850/1851 supports two modes (master and slave) and
four data formats through a serial control interface, SPI for the PCM1850 and I2C for the PCM1851, respectively. The
PCM1850/1851 is suitable for a wide variety of cost-sensitive DVD/CD/MD recorder and receiver applications where good
performance and operation from a 5-V analog supply and 3.3-V digital supply is required. The PCM1850/1851 is fabricated
using a highly advanced CMOS process and is available in a small 32-pin TQFP package.
ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE CODE
OPERATION
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
PCM1850PJT
32 Lead TQFP
32PJT
40
°C to 85°C
PCM1850
PCM1850PJT
Tray
PCM1850PJT
32-Lead TQFP
32PJT
–40
°C to 85°C
PCM1850
PCM1850PJTR
Tape and reel
PCM1851PJT
32 Lead TQFP
32PJT
40
°C to 85°C
PCM1851
PCM1851PJT
Tray
PCM1851PJT
32-Lead TQFP
32PJT
–40
°C to 85°C
PCM1851
PCM1851PJTR
Tape and reel
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
Burr-Brown Products
from Texas Instruments
Copyright
© 2004, Texas Instruments Incorporated


Similar Part No. - PCM1850PJTR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1850PJTR BURR-BROWN-PCM1850PJTR Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com