Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1870 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1870
Description  Microphone Bias and Microphone Amplifier
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1870 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1870 Datasheet HTML 1Page - Texas Instruments PCM1870 Datasheet HTML 2Page - Texas Instruments PCM1870 Datasheet HTML 3Page - Texas Instruments PCM1870 Datasheet HTML 4Page - Texas Instruments PCM1870 Datasheet HTML 5Page - Texas Instruments PCM1870 Datasheet HTML 6Page - Texas Instruments PCM1870 Datasheet HTML 7Page - Texas Instruments PCM1870 Datasheet HTML 8Page - Texas Instruments PCM1870 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
• Package:
• Analog Front End:
24-QFN (4 mm
× 5 mm)
Stereo Single End Input With MUX
24-DSBGA (2.49 mm
× 3.49 mm)
Mono Differential Input
• Operation Temperature Range: –40°C to 85°C
Stereo Programmable Gain Amplifier
Microphone Boost Amplifier and Bias
• Portable Audio Player, Cellular Phone
• Analog Performances Dynamic Range: 90 dB
• Video Camcorder, Movie Digital Still Camera
• Power-Supply Voltage
• PMP/DMB, Voice Recorder
1.71 V to 3.6 V for Digital I/O Section
1.71 V to 3.6 V for Digital Core Section
2.4 V to 3.6 V for Analog Section
The PCM1870 is a low-power stereo ADC designed
• Low Power Dissipation:
for portable digital audio applications, with line-input
amplifier,
boost
amplifier,
microphone
bias,
13 mW in Record, 1.8/2.4 V, 48 kHz, Stereo
programmable gain control, sound effects, and auto
5.3 mW in Record, 1.8/2.4 V, 8 kHz, Mono
level control (ALC). It is available in 24-QFN (4-mm
×
3.3
μW in All Power Down
5-mm)
and
24-DSBGA
(2.49-mm
× 3.49-mm)
packages to save footprint. The PCM1870 accepts
• Sampling Frequency: 5 kHz to 50 kHz
right-justified, left-justified, I2S, and DSP formats,
• Auto Level Control for Recording
providing easy interfacing to audio DSP and encoder
• Operation by Single Clock Input Without PLL
chips. Sampling rates up to 50 kHz are supported.
The user-programmable functions are accessible
• System Clock: Common Audio Clock
through a 2- or 3-wire serial control port.
(256 fS/384 fS), 12/24, 13/26, 13.5/27, 19.2/38.4,
19.68/39.36 MHz
• 2 (I2C) or 3 (SPI) Wire Serial Control
• Programmable Function by Register Control:
Digital Soft Mute
Power Up/Down Control for Each Module
30-dB to –12-dB Gain for Analog Inputs
0/12/20-dB Boost for Microphone Input
Parameter Settings for ALC
Three-Band Tone Control and 3D Sound
High-Pass Filter and Two-Stage Notch Filter
• Pop Noise Reduction Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1870

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PCM1870AYZFR TI-PCM1870AYZFR Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PCM1870AYZFT TI-PCM1870AYZFT Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870RHFR BURR-BROWN-PCM1870RHFR Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
More results

Similar Description - PCM1870

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_09 Datasheet
309Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814 MAXIM-MAX9814 Datasheet
337Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
MAX9814ETD MAXIM-MAX9814ETD Datasheet
1Mb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814 MAXIM-MAX9814_V01 Datasheet
1Mb / 13P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
19-0764; Rev 3; 8/16
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
STMicroelectronics
LS188 STMICROELECTRONICS-LS188 Datasheet
101Kb / 3P
   MICROPHONE AMPLIFIER
logo
Rohm
BA7760 ROHM-BA7760 Datasheet
67Kb / 6P
   Microphone Amplifier
logo
California Micro Device...
CMAMP110 CALMIRCO-CMAMP110 Datasheet
91Kb / 7P
   Microphone Amplifier
logo
ON Semiconductor
LA74309FA ONSEMI-LA74309FA Datasheet
93Kb / 5P
   Microphone Amplifier
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com