Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1850 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1850
Description  6  2-CHANNEL MUX AND PGA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1850 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 2Page - Texas Instruments PCM1850 Datasheet HTML 3Page - Texas Instruments PCM1850 Datasheet HTML 4Page - Texas Instruments PCM1850 Datasheet HTML 5Page - Texas Instruments PCM1850 Datasheet HTML 6Page - Texas Instruments PCM1850 Datasheet HTML 7Page - Texas Instruments PCM1850 Datasheet HTML 8Page - Texas Instruments PCM1850 Datasheet HTML 9Page - Texas Instruments PCM1850 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS (Continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 256 fS, 24-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1850PJT, PCM1851PJT
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT LOGIC
VOH (1)
Output logic level
IOUT = –4 mA
2.8
VDC
VOL(1) (2)
Output logic level
IOUT = 4 mA
0.5
VDC
AFE MULTIPLEXER
Input channels
6
Input level for full scale
2
2.4
Vrms
Center voltage (VREF1)
Selected channel
0.5 VCC
V
Center voltage (VREFS)
Unselected channel
0.5 VCC
V
Input impedance
Selected channel
50
169
k
Input impedance
Unselected channel
50
57
k
AFE PGA
Gain range
–11
0
11
dB
Gain step
0.5
dB
Monotonicity
Specified
Antialiasing filter frequency response
–3 dB, PGA gain = –5.5 dB
300
kHz
MONITOR OUTPUT
Output level for full scale
AC-coupled, >10 k
0.6 VCC
Vp-p
Output load
AC-coupled
10
k
THD+N (3) (4)
AC-coupled, 10 k
Ω, 3 Vp-p output,
0.0016%
S/N ratio (3) (4)
AC-coupled, 10 k
104
dB
Gain error (3) (4)
AC-coupled, 10 k
–3
% of FSR
Center voltage
0.5 VCC
V
ADC
Resolution
24
bits
Full scale input voltage
0.6 VCC
Vp-p
ACCURACY
Gain mismatch, channel-to-channel
±1
±3
% of FSR
Gain error
±2
±5
% of FSR
Bipolar zero error
High-pass filter bypass
±2
% of FSR
(1) Pins 1–4: LRCK, BCK (in master mode), DOUT, OVER
(2) Pin 32: SDA (PCM1851) (open-drain LOW output)
(3) Analog performance specifications are tested with the System Two™ audio measurement system by Audio Precision™, using a 400-Hz HPF and
20-kHz LPF in the RMS mode at fIN = 1 kHz.
(4) Reference level (0 dB) is specified as 2-V rms input on VINL[1:6] and VINR[1:6] pins with PGA gain of –5.5 dB.
Audio Precision and System Two are trademarks of Audio Precision, Inc.


Similar Part No. - PCM1850

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1850 BURR-BROWN-PCM1850 Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
PCM1850A BURR-BROWN-PCM1850A Datasheet
451Kb / 32P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJT BURR-BROWN-PCM1850APJT Datasheet
451Kb / 32P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJTG4 BURR-BROWN-PCM1850APJTG4 Datasheet
451Kb / 32P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJTR BURR-BROWN-PCM1850APJTR Datasheet
451Kb / 32P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com