Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1801UG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1801UG4
Description  STEREO ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1801UG4 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1801UG4 Datasheet HTML 1Page - Texas Instruments PCM1801UG4 Datasheet HTML 2Page - Texas Instruments PCM1801UG4 Datasheet HTML 3Page - Texas Instruments PCM1801UG4 Datasheet HTML 4Page - Texas Instruments PCM1801UG4 Datasheet HTML 5Page - Texas Instruments PCM1801UG4 Datasheet HTML 6Page - Texas Instruments PCM1801UG4 Datasheet HTML 7Page - Texas Instruments PCM1801UG4 Datasheet HTML 8Page - Texas Instruments PCM1801UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
Single-End/
Differential
Converter
BCK
VINL
Reference
Single-End/
Differential
Converter
VREF1
VREF2
VINR
5th Order
Delta-Sigma
Modulator
5th Order
Delta-Sigma
Modulator
×1/64
Decimation
and
High-Pass
Filter
Power Supply
AGND
VCC
VDD
DGND
Clock/Timing Control
Serial Data
Interface
LRCK
DOUT
FMT
BYPAS
SCKI
(+)
(−)
(−)
(+)
PCM1801
B0004-02
Format
Control
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
• DVD Recorders
• Dual 16-Bit Monolithic ΔΣ ADC
• DVD Receivers
• Single-Ended Voltage Input
• AV Amplifier Receivers
• Antialiasing Filter Included
• Electric Musical Instruments
• 64× Oversampling Decimation Filter:
Pass-Band Ripple:
±0.05 dB
Stop-Band Attenuation: –65 dB
The PCM1801 is a low-cost, single-chip stereo
• Analog Performance:
analog-to-digital converter (ADC) with single-ended
THD+N: –88 dB (typical)
analog
voltage
inputs.
The
PCM1801
uses
a
SNR: 93 dB (typical)
delta-sigma modulator with 64 times oversampling, a
Dynamic Range: 93 dB (typical)
digital decimation filter, and a serial interface that
Internal High-Pass Filter
supports slave mode operation and two data formats.
• PCM Audio Interface: Left-Justified, I2S
The PCM1801 is suitable for a wide variety of
cost-sensitive consumer applications where good
• Sampling Rate: 4 kHz to 48 kHz
performance is required.
• System Clock: 256 f
S, 384 fS, or 512 fS
• Single 5-V Power Supply
• Small SO-14 Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1801UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1801U BURR-BROWN-PCM1801U Datasheet
101Kb / 13P
   16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1801UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1800 TI1-PCM1800_16 Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com