Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD720130 Datasheet(PDF) 5 Page - NEC

Part # UPD720130
Description  USB2.0 to IDE Bridge
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720130 Datasheet(HTML) 5 Page - NEC

  UPD720130 Datasheet HTML 1Page - NEC UPD720130 Datasheet HTML 2Page - NEC UPD720130 Datasheet HTML 3Page - NEC UPD720130 Datasheet HTML 4Page - NEC UPD720130 Datasheet HTML 5Page - NEC UPD720130 Datasheet HTML 6Page - NEC UPD720130 Datasheet HTML 7Page - NEC UPD720130 Datasheet HTML 8Page - NEC UPD720130 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet S16302EJ3V0DS
5
µµµµPD720130
1.
PIN INFORMATION
(1/2)
Pin Name
I/O
Buffer Type
Active
Level
Function
XIN
I
2.5 V Input
System clock input or oscillator In
XOUT
O
2.5 V Output
Oscillator out
RESETB
I
3.3 V Schmitt Input
Low
Asynchronous reset signaling
MD(1:0)
I
3.3 V Input
Function mode setting
IDECS(1:0)B
O (I/O)
5 V tolerant Output
Low
IDE host chip select
IDEA(2:0)
O (I/O)
5 V tolerant Output
IDE address bus
IDEINT
I (I/O)
5 V tolerant Input
High
IDE interrupt request from device to host
IDEDAKB
O (I/O)
5 V tolerant Output
Low
IDE DMA acknowledge
IDEIORDY
I (I/O)
5 V tolerant Input
High
IDE IO channel ready
IDEIORB
O (I/O)
5 V tolerant Output
Low
IDE IO read strobe
IDEIOWB
O (I/O)
5 V tolerant Output
Low
IDE IO write strobe
IDEDRQ
I (I/O)
5 V tolerant Input
High
IDE DMA request from device to host
IDED(15:0)
I/O
5 V tolerant I/O
IDE data bus
IDERSTB
O (I/O)
5 V tolerant Output
Low
IDE reset from host to device
DCC
I (I/O)
3.3 V Input
IDE controller operational mode setting
DV(1:0)
I (I/O)
3.3 V Input
Device select
CLC
I (I/O)
3.3 V Input
System clock setting
PWR
I (I/O)
3.3 V Input
Bus powered /self-powered select
CMB_BSY
O (I/O)
3.3 V Output
Combo IDE bus busy
CMB_STATE
I (I/O)
3.3 V Input
Combo IDE bus state
DPC
O (I/O)
3.3 V Output
Power control signaling for IDE device
SDA
I/O
3.3 V I/O
Serial ROM data signaling
SCL
I/O
3.3 V I/O
Serial ROM clock signaling
VBUS
I
5 V Schmitt Input
Note
VBUS monitoring
DP
I/O
USB high speed D+ I/O
USB’s high speed D+ signal
DM
I/O
USB high speed D
− I/O
USB’s high speed D
− signal
RSDP
O
USB full speed D+ Output
USB’s full speed D+ signal
RSDM
O
USB full speed D
− Output
USB’s full speed D
− signal
RPU
A
USB Pull-up control
USB’s 1.5 k
Ω pull-up resistor control
RREF
A
Analog
Reference resistor
SPD
I (I/O)
3.3 V Input
NEC private
SMC
I
3.3 V Input
Scan mode control
TEST(3:0)
I
3.3 V Input
Test mode setting
Note
VBUS pin may be used to monitor for VBUS line even if VDD33, VDD25, and AVDD25 are shut off. System must
ensure that the input voltage level for VBUS pin is less than 3.0 V due to the absolute maximum rating is
not exceeded.


Similar Part No. - UPD720130

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720130 RENESAS-UPD720130 Datasheet
518Kb / 46P
   MOS INTEGRATED CIRCUIT
2002
UPD720130GC-9EU RENESAS-UPD720130GC-9EU Datasheet
518Kb / 46P
   MOS INTEGRATED CIRCUIT
2002
UPD720130GC-9EU-A RENESAS-UPD720130GC-9EU-A Datasheet
518Kb / 46P
   MOS INTEGRATED CIRCUIT
2002
UPD720130GC-9EU-SIN RENESAS-UPD720130GC-9EU-SIN Datasheet
518Kb / 46P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD720130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6395 ETC2-AU6395 Datasheet
740Kb / 22P
   USB2.0 to SATA Bridge Controller
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
logo
Future Technology Devic...
FT4222HQ-C-R FTDI-FT4222HQ-C-R Datasheet
1Mb / 49P
   USB2.0 to QuadSPI/I2C Bridge IC
logo
Oxford Semiconductor
OXUSB954 OXFORD-OXUSB954 Datasheet
54Kb / 2P
   USB2.0 to Quad Serial Port Bridge
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
   USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
   USB2.0 to ATA/ATAPI Bridge Controller
logo
Oxford Semiconductor
OXUF924DSA OXFORD-OXUF924DSA Datasheet
65Kb / 2P
   FireWire400, FireWire800 & USB2.0 to Dual SATA Bridge
logo
List of Unclassifed Man...
PL-3507 ETC-PL-3507 Datasheet
35Kb / 1P
   Hi-Speed USB & IEEE1394 Combo to IDE Bridge Controller
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
Cypress Semiconductor
SL11RIDE CYPRESS-SL11RIDE Datasheet
316Kb / 27P
   USB to IDE/ATAPI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com