Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD720122GC-9EU Datasheet(PDF) 40 Page - NEC

Part # UPD720122GC-9EU
Description  MOS Integrated Circuit
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122GC-9EU Datasheet(HTML) 40 Page - NEC

Back Button UPD720122GC-9EU Datasheet HTML 36Page - NEC UPD720122GC-9EU Datasheet HTML 37Page - NEC UPD720122GC-9EU Datasheet HTML 38Page - NEC UPD720122GC-9EU Datasheet HTML 39Page - NEC UPD720122GC-9EU Datasheet HTML 40Page - NEC UPD720122GC-9EU Datasheet HTML 41Page - NEC UPD720122GC-9EU Datasheet HTML 42Page - NEC UPD720122GC-9EU Datasheet HTML 43Page - NEC UPD720122GC-9EU Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
Data Sheet S16685EJ2V0DS
40
µPD720122
(2) CPU bus write operation
Symbol
Parameter
Min.
Typ.
Max.
Unit
TB13
Write cycle time
58
ns
TB14
Address setup time (ALE
↓)
17
ns
TB15
Chip select setup time (ALE
↓)
17
ns
TB16
Write command delay time (ALE
↓)
7
ns
TB17
Input data setup time (WRB
↑)
10
ns
TB18
Input data hold time (WRB
↑)
0
ns
TB19
Write command width
34
ns
TB20
Chip select hold time (WRB
↑)
0
ns
TB21
Chip select setup time (WRB
↓)
5
ns
Remark
It is assumed that the external pin capacitance is 15 pF (data bus = 50 pF).
CPU bus write timing
WRB
AD7 to AD0
Note
D15 to D8
CSB
ADDRESS
VALID
tb18
tb19
ALE
DATA
VALID
tb2
tb16
tb20
ADDRESS
VALID
tb13
tb17
tb10
tb21
tb15
tb9
Note
D7 to D0 for Function 2


Similar Part No. - UPD720122GC-9EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720122 RENESAS-UPD720122 Datasheet
1Mb / 86P
   MOS Integrated Circuit
2003
More results

Similar Description - UPD720122GC-9EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com