Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCB1400 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UCB1400
Description  Audio codec with touch screen controller and power management monitor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UCB1400 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UCB1400 Datasheet HTML 2Page - NXP Semiconductors UCB1400 Datasheet HTML 3Page - NXP Semiconductors UCB1400 Datasheet HTML 4Page - NXP Semiconductors UCB1400 Datasheet HTML 5Page - NXP Semiconductors UCB1400 Datasheet HTML 6Page - NXP Semiconductors UCB1400 Datasheet HTML 7Page - NXP Semiconductors UCB1400 Datasheet HTML 8Page - NXP Semiconductors UCB1400 Datasheet HTML 9Page - NXP Semiconductors UCB1400 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
Philips Semiconductors
UCB1400
Audio codec with touch screen controller
and power management monitor
Product data
Rev. 02 — 21 June 2002
6 of 63
9397 750 09611
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
8.
AC ’97 interface
The UCB1400 implements an AC ’97 Revision 2.1 interface. Refer to the
Audio
Codec ’97 Component Specification Revision 2.1 from Intel.
8.1 Clocking
The UCB1400 functions only as a primary codec. As such, it derives its clock
internally from an externally attached 24.576 MHz crystal or clock oscillator, and
drives a buffered and divided down (1
2) clock to its digital companion controller over
AC-link under the signal name “BIT_CLK”.
The beginning of all audio sample packets, or Audio Frames, transferred over AC-link
is synchronized to the rising edge of the SYNC signal. SYNC is driven by the AC ’97
Controller. The AC ’97 Controller takes BIT_CLK as an input and generates SYNC by
dividing BIT_CLK by 256 and applying some conditioning to tailor its duty cycle. This
yields a 48 kHz SYNC signal whose period defines an audio frame. Data is
transitioned on AC-link on every rising edge of BIT_CLK, and subsequently sampled
on the receiving side of AC-link on each immediately following falling edge of
BIT_CLK.
8.2 Resetting UCB1400
The UCB1400 recognizes the following types of reset:
Cold reset: where all UCB1400 logic (registers included) is initialized to its default
state. Initiated by bringing RESET LOW for at least 1
µs.
Warm reset: where the contents of the UCB1400 register set are left unaltered.
Initiated by bringing SYNC HIGH for at least 1
µs without BIT_CLK.
Register reset: which only initializes the UCB1400 registers to their default states.
Initiated by a write to register 0x00.
After signaling a reset to UCB1400, the AC ’97 Controller should not attempt to play
or capture audio data until it has sampled a “Codec Ready” indication from UCB1400.
Fig 4.
UCB1400 and AC ’97 controller connection diagram.
SN00237
UCB1400
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET
IRQOUT
AC97
CONTROLLER


Similar Part No. - UCB1400

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB10 ALLIED-UCB10 Datasheet
441Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC Datasheet
436Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC Datasheet
439Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC_10 Datasheet
439Kb / 1P
   Ultra Current Beads
UCB10-150T-RC ALLIED-UCB10-150T-RC Datasheet
436Kb / 1P
   Ultra Current Beads
More results

Similar Description - UCB1400

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
   Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com