Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5LS20216ASPGEQQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # S5LS20216ASPGEQQ1
Description  16/32-BIT RISC Flash Microcontroller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

S5LS20216ASPGEQQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button S5LS20216ASPGEQQ1 Datasheet HTML 3Page - Texas Instruments S5LS20216ASPGEQQ1 Datasheet HTML 4Page - Texas Instruments S5LS20216ASPGEQQ1 Datasheet HTML 5Page - Texas Instruments S5LS20216ASPGEQQ1 Datasheet HTML 6Page - Texas Instruments S5LS20216ASPGEQQ1 Datasheet HTML 7Page - Texas Instruments S5LS20216ASPGEQQ1 Datasheet HTML 8Page - Texas Instruments S5LS20216ASPGEQQ1 Datasheet HTML 9Page - Texas Instruments S5LS20216ASPGEQQ1 Datasheet HTML 10Page - Texas Instruments S5LS20216ASPGEQQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
www.ti.com
SPNS141F
– AUGUST 2010 – REVISED JULY 2011
2
Device Overview
2.1
Terms and Acronyms
Table 2-1. Terms and Acronyms
Terms and Acronyms
Description
Comments
ADC
Analog To Digital Converter
AHB
Advanced High-performance Bus
Part of the R4 core
CCM-R4
CPU Compare Module for CortexTM-R4F
CRC
Cyclic Redundancy Check Controller
DAP
Debug Access Port
DAP is an implementation of an ARM Debug Interface.
DCAN
Controller Area Network
DMA
Direct Memory Access
DMM
Data Modification Module
ECC
Error Correction Code
EMIF
External Memory Interface
ESM
Error Signaling Module
ETM
Embedded Trace Module
FMzPLL
Frequency-Modulated Zero-Pin Phase-Locked
Loop
FPLL
FlexRay Phase-Locked Loop
GIO
General-Purpose Input/Output
HET
High-End Timer
ICEPICK
In Circuit Emulation TAP (Test Access Port)
ICEPick can connect or isolate a module level TAP to or from a
Selection Module
higher level chip TAP. ICEPick was designed with both
emulation and test requirements in mind.
JTAG
Joint Test Access Group
IEEE Committee responsible for Test Access Ports
LBIST
Logic Built-In Self Test
Test the integrity of R4 CPU
LIN
Local Interconnect Network
VIM
Vectored Interrupt Manager
MibSPI
Multi-Buffered Serial Peripheral Interface
MPU
Memory Protection Unit
OSC
Oscillator
PBIST
Programmable Built-In Self Test
Test the integrity of SRAM
PCR
Peripheral Central Resource
POM
Parameter Overlay Module
The POM provides a mechanism to redirect accesses to
non-volatile memory into a volatile memory external to the
device.
PSA
Parallel Signature Analysis
RTI
Real-Time Interrupt
RTP
RAM Trace Port
SCR
Switch Central Resource
SCI
Serial Communication Interface
SECDED
Single Error Correction and Double Error
Detection
STC
Self Test Controller
SYS
System Module
TU
Transfer Unit
VBUS
Virtual Bus
One of the protocols that comprises CBA (Common Bus
Architecture)
VBUSP
Virtual Bus-Pipelined
One of the protocols that comprises CBA (Common Bus
Architecture)
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
focus.ti.com: TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116
TMS570LS10106
Not Recommended For New Designs


Similar Part No. - S5LS20216ASPGEQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S5LS20216ASPGEQQ1R TI-S5LS20216ASPGEQQ1R Datasheet
1Mb / 101P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
More results

Similar Description - S5LS20216ASPGEQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com