Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR7D43MNNP-390NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR7D43MNNP-390NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR7D43MNNP-390NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDR7D43MNNP-390NC Datasheet HTML 1Page - Sumida Corporation CDR7D43MNNP-390NC Datasheet HTML 2Page - Sumida Corporation CDR7D43MNNP-390NC Datasheet HTML 3Page - Sumida Corporation CDR7D43MNNP-390NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Apr-16
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDR7D43MN
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.55
1.05
1.25
455.8(364.6)
100
μH±25%
101
CDR7D43MNNP-101NC
0.65
1.15
1.45
401.4(321.1)
82
μH±25%
820
CDR7D43MNNP-820NC
0.75
1.25
1.55
363.8(291.1)
68
μH±25%
680
CDR7D43MNNP-680NC
0.85
1.35
1.75
266.3(213.0)
56
μH±25%
560
CDR7D43MNNP-560NC
0.90
1.45
1.90
247.0(197.6)
47
μH±25%
470
CDR7D43MNNP-470NC
1.10
1.65
2.10
175.0(140.0)
39
μH±25%
390
CDR7D43MNNP-390NC
1.15
1.75
2.30
160.0(127.7)
33
μH±25%
330
CDR7D43MNNP-330NC
1.25
2.00
2.50
143.6(114.9)
27
μH±25%
270
CDR7D43MNNP-270NC
1.5
2.20
2.85
106.4(85.1)
22
μH±25%
220
CDR7D43MNNP-220NC
1.6
2.40
3.05
93.6(74.9)
18
μH±25%
180
CDR7D43MNNP-180NC
1.8
2.75
3.35
80.4(64.3)
15
μH±25%
150
CDR7D43MNNP-150NC
2.1
3.05
3.90
56.8(45.4)
12
μH±25%
120
CDR7D43MNNP-120NC
2.5
3.25
4.10
48.4(38.7)
10
μH±25%
100
CDR7D43MNNP-100NC
3.0
3.90
4.95
33.9(27.2)
7.2
μH±25%
7R2
CDR7D43MNNP-7R2NC
3.7
4.20
5.60
24.0(19.1)
5.8
μH±25%
5R8
CDR7D43MNNP-5R8NC
4.0
4.85
6.20
21.4(17.1)
4.7
μH±25%
4R7
CDR7D43MNNP-4R7NC
4.3
5.60
6.95
18.9(15.1)
3.7
μH±25%
3R7
CDR7D43MNNP-3R7NC
(at105
℃)
(at20
℃)
TEMPERATURE
RISE CURRENT
(A)※3
SATURATION CURRENT
(A)※2
D.C.R .(m
Ω)
MAX. (Typ.)
(at 20
℃)
INDUCTANCE
[WITHIN]
※1
STAMP
PART NO.


Similar Part No. - CDR7D43MNNP-390NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR7D43MNNP-390N SUMIDA-CDR7D43MNNP-390N Datasheet
216Kb / 2P
   CDR7D43MN_06
More results

Similar Description - CDR7D43MNNP-390NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com