Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE370C6C2AJDT Datasheet(PDF) 7 Page - Texas Instruments

Part # SE370C6C2AJDT
Description  8-BIT MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SE370C6C2AJDT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SE370C6C2AJDT Datasheet HTML 3Page - Texas Instruments SE370C6C2AJDT Datasheet HTML 4Page - Texas Instruments SE370C6C2AJDT Datasheet HTML 5Page - Texas Instruments SE370C6C2AJDT Datasheet HTML 6Page - Texas Instruments SE370C6C2AJDT Datasheet HTML 7Page - Texas Instruments SE370C6C2AJDT Datasheet HTML 8Page - Texas Instruments SE370C6C2AJDT Datasheet HTML 9Page - Texas Instruments SE370C6C2AJDT Datasheet HTML 10Page - Texas Instruments SE370C6C2AJDT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
central processing unit (CPU) (continued)
status register (ST)
The ST monitors the operation of the instructions and contains the global interrupt-enable bits. The ST register
includes four status bits (condition flags) and two interrupt-enable bits:
D The four status bits indicate the outcome of the previous instruction; conditional instructions (for example,
the conditional jump instructions) use the status bits to determine program flow.
D The two interrupt-enable bits control the two interrupt levels.
The ST register, status-bit notation, and status-bit definitions are shown in Table 3.
Table 3. Status Register (ST)
7654
32
1
0
C
N
Z
V
IE2
IE1
Reserved
Reserved
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
R = read, W = write, 0 = value after reset
program counter (PC)
The contents of the PC point to the memory location of the next instruction to be executed. The PC consists
of two 8-bit registers in the CPU: the program counter high (PCH) and program counter low (PCL). These
registers contain the most significant byte (MSbyte) and least significant byte (LSbyte) of a 16-bit address.
During reset, the contents of the reset vector (7FFEh, 7FFFh) are loaded into the program counter. The PCH
(MSbyte of the PC) is loaded with the contents of memory location 7FFEh, and the PCL (LSbyte of the PC) is
loaded with the contents of memory location 7FFFh. Figure 2 shows this operation using an example value of
7000h as the contents of the reset vector.
Memory
Program Counter (PC)
70
00
PCH
PCL
70
00
0000h
7FFEh
7FFFh
Figure 2. Program Counter After Reset
memory map
The TMS370CxCx architecture is based on the Von Neuman architecture, where the program memory and data
memory share a common address space. All peripheral input / output is memory mapped in this same common
address space. As shown in Figure 3, the TMS370CxCx provides memory-mapped RAM, ROM, input / output
pins, peripheral functions, and system interrupt vectors.
The peripheral file contains all input / output port control, peripheral status and control, EPROM, and
system-wide control functions. The peripheral file is located from 1000h to 107Fh and is logically divided into
seven peripheral file frames of 16 bytes each. Each on-chip peripheral is assigned to a separate frame through
which peripheral control and data information is passed.


Similar Part No. - SE370C6C2AJDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SE370C6C2A TI-SE370C6C2A Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
SE370C6C2AYYZ TI-SE370C6C2AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - SE370C6C2AJDT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com