Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR7D28MN Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR7D28MN
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR7D28MN Datasheet(HTML) 2 Page - Sumida Corporation

  CDR7D28MN_13 Datasheet HTML 1Page - Sumida Corporation CDR7D28MN_13 Datasheet HTML 2Page - Sumida Corporation CDR7D28MN_13 Datasheet HTML 3Page - Sumida Corporation CDR7D28MN_13 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDR7D28MN
Electrical Characteristics
※1.Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.28
0.25
0.30
2652(2210)
470
μH±25%
471
CDR7D28MNNP-471 NC
0.31
0.30
0.35
2184(1820)
330
μH±25%
331
CDR7D28MNNP-331 NC
0.40
0.40
0.50
1320(1100)
220
μH±25%
221
CDR7D28MNNP-221 NC
0.52
0.45
0.60
950.0(760)
150
μH±25%
151
CDR7D28MNNP-151 NC
0.65
0.60
0.75
655.0(524)
100
μH±25%
101
CDR7D28MNNP-101 NC
0.78
0.70
0.90
425.0(340)
68
μH±25%
680
CDR7D28MNNP-680 NC
1.00
0.85
1.05
275.0(220)
47
μH±25%
470
CDR7D28MNNP-470 NC
1.20
1.10
1.35
196.3(157)
33
μH±25%
330
CDR7D28MNNP-330 NC
1.60
1.35
1.65
120.0(96)
22
μH±25%
220
CDR7D28MNNP-220 NC
2.00
1.65
2.10
81.3(65)
15
μH±25%
150
CDR7D28MNNP-150 NC
2.50
1.95
2.40
53.8(48)
10
μH±25%
100
CDR7D28MNNP-100 NC
2.60
2.10
2.60
50.0(40)
8.0
μH±25%
8R0
CDR7D28MNNP-8R0 NC
2.75
2.45
2.90
46.3(37)
6.8
μH±25%
6R8
CDR7D28MNNP-6R8 NC
3.20
2.65
3.30
37.5(30)
4.6
μH±25%
4R6
CDR7D28MNNP-4R6 NC
3.45
2.90
3.55
32.5(26)
3.6
μH±25%
3R6
CDR7D28MNNP-3R6 NC
3.70
3.30
4.10
27.5(22)
2.7
μH±25%
2R7
CDR7D28MNNP-2R7 NC
3.95
3.65
4.55
23.8(19)
2.0
μH±25%
2R0
CDR7D28MNNP-2R0 NC
4.50
4.65
5.90
20.5(16.4)
1.2
μH±25%
1R2
CDR7D28MNNP-1R2 NC
(at105
℃)
(at20
℃)
Temperature
rise current:
(A)※3
Saturation Current
(A)※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH )
[Within] ※1
Stamp
Part Name


Similar Part No. - CDR7D28MN_13

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR7D28MNNP-100 SUMIDA-CDR7D28MNNP-100 Datasheet
220Kb / 2P
   POWER INDUCTORS
CDR7D28MNNP-101 SUMIDA-CDR7D28MNNP-101 Datasheet
220Kb / 2P
   POWER INDUCTORS
CDR7D28MNNP-150 SUMIDA-CDR7D28MNNP-150 Datasheet
220Kb / 2P
   POWER INDUCTORS
CDR7D28MNNP-151 SUMIDA-CDR7D28MNNP-151 Datasheet
220Kb / 2P
   POWER INDUCTORS
CDR7D28MNNP-1R2 SUMIDA-CDR7D28MNNP-1R2 Datasheet
220Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDR7D28MN_13

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com