Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C077AFNA Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS370C077AFNA
Description  8-BIT MICROCONTROLLER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C077AFNA Datasheet(HTML) 1 Page - Texas Instruments

  TMS370C077AFNA Datasheet HTML 1Page - Texas Instruments TMS370C077AFNA Datasheet HTML 2Page - Texas Instruments TMS370C077AFNA Datasheet HTML 3Page - Texas Instruments TMS370C077AFNA Datasheet HTML 4Page - Texas Instruments TMS370C077AFNA Datasheet HTML 5Page - Texas Instruments TMS370C077AFNA Datasheet HTML 6Page - Texas Instruments TMS370C077AFNA Datasheet HTML 7Page - Texas Instruments TMS370C077AFNA Datasheet HTML 8Page - Texas Instruments TMS370C077AFNA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
TMS370Cx7x
8-BIT MICROCONTROLLER
SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D CMOS/EEPROM/EPROM Technologies on a
Single Device
– Mask-ROM Devices for High-Volume
Production
– One-Time-Programmable (OTP) EPROM
Devices for Low-Volume Production
– Reprogrammable EPROM Devices for
Prototyping Purposes
D Internal System Memory Configurations
– On-Chip Program Memory Versions
– ROM: 24K Bytes
– EPROM: 24K Bytes
– Data EEPROM: 256 Bytes
– Static RAM: 512 Bytes
D Flexible Operating Features
– Low-Power Modes: STANDBY and HALT
– Commercial, Industrial, and Automotive
Temperature Ranges
– Clock Options:
– Divide-by-4 (0.5 MHz – 5 MHz SYSCLK)
– Divide-by-1 (2 MHz – 5 MHz SYSCLK)
Phase-Locked Loop (PLL)
– Supply Voltage (VCC): 5 V ± 10%
D Eight-Channel 8-Bit Analog-to-Digital
Converter 1 (ADC1)
D TMS370 Series Compatibility
– Instructions Upwardly Compatible With
All TMS370 Devices
– Register-to-Register Architecture
– 256 General-Purpose Registers
– 14 Powerful Addressing Modes
D Two 16-Bit General-Purpose Timers
D On-Chip 24-Bit Watchdog Timer
D Flexible Interrupt Handling
D CMOS/Package /TTL-Compatible I/O Pins
– 64-Pin Plastic and Ceramic Shrink
Dual-In-Line Packages / 44 Bidirectional,
9 Input Pins
– 68-Pin Plastic and Ceramic Leaded Chip
Carrier Packages / 46 Bidirectional,
9 Input Pins
– All Peripheral Function Pins Are
Software Configurable for Digital I / O
D Workstation/PC-Based Software
Development System
– C Compiler and C Source Debugger
– Real-Time In-Circuit Emulation
– Extensive Breakpoint / Trace Capability
– Software Performance Analysis
– Multi-Window User Interface
– Microcontroller Programmer
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FN / FZ PACKAGE
( TOP VIEW )
C3
C4
C5
C6
C7
G5
G3
G4
T1IC/CR
T1PWM
T1EVT
98 7 6 5 4 3
10
11
12
13
14
15
16
2 1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VCC2
VSS2
A0
A1
A2
A3
A4
A5
A6
A7
T2AEVT
T2AIC2/PWM
INT1 / NMI
INT2
INT3
D1
D2
D3/SYSCLK
D4
D5
D6
D7
RESET
JN / NM PACKAGE
( TOP VIEW )
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
B5
B6
B7
C0
MC
C1
C2
VSS1
C3
C4
C5
C6
C7
A0
A1
A2
A3
A4
A5
A6
A7
T2AEVT
T2AIC2 / PWM
T2AIC1 / CR
G0
G1
G2
XTAL2 / CLKIN
XTAL1
VCC1
VCC3
B4
B3
B2
B1
B0
D0
VSS1
VCC1
D1
D3/SYSCLK
D4
D6
D7
RESET
INT1 / NMI
INT2
INT3
G5
G4
G3
T1IC / CR
T1PWM
AN7 / E7
T1EVT
VSS1
AN6 / E6
AN5 / E5
AN4 / E4
AN3 / E3
AN1 / E1
AN2 / E2
VSS3
AN0 / E0
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TMS370C077AFNA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C077A TI-TMS370C077A Datasheet
874Kb / 59P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C077AYYZ TI-TMS370C077AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C077AFNA

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com