Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4194IPAGTG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SRC4194IPAGTG4
Description  4-Channel, Asynchronous Sample Rate Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4194IPAGTG4 Datasheet(HTML) 2 Page - Texas Instruments

  SRC4194IPAGTG4 Datasheet HTML 1Page - Texas Instruments SRC4194IPAGTG4 Datasheet HTML 2Page - Texas Instruments SRC4194IPAGTG4 Datasheet HTML 3Page - Texas Instruments SRC4194IPAGTG4 Datasheet HTML 4Page - Texas Instruments SRC4194IPAGTG4 Datasheet HTML 5Page - Texas Instruments SRC4194IPAGTG4 Datasheet HTML 6Page - Texas Instruments SRC4194IPAGTG4 Datasheet HTML 7Page - Texas Instruments SRC4194IPAGTG4 Datasheet HTML 8Page - Texas Instruments SRC4194IPAGTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
SRC4194
SBFS025B − JUNE 2004 − REVISED SEPTEMBER 2007
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Core Supply Voltage
VDD18
−0.3V to +2.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD33
−0.3V to +4.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital I/O Supply Voltage, VIO
−0.3V to +4.0V
. . . . . . . . . . . . . . . .
Digital Input Voltage
−0.3V to +4.0V
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature Range, TC
−40
°C to +85°C
. . . . . . . .
Storage Temperature Range, TSTG
−65
°C to +150°C
. . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum located at the end of this data
sheet.
ELECTRICAL CHARACTERISTICS
All specifications at TA = +25°C, VDD33 = +3.3V, VIO = +3.3V, REGEN = High, and VDD18 floating, unless otherwise noted.
SRC4194
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC PERFORMANCE
Resolution
24
Bits
Input Sampling Frequency, fsIN
4
212
kHz
Output Sampling Frequency, fsOUT
4
212
kHz
INPUT/OUTPUT SAMPLING RATIO
Upsampling
1:16
Downsampling
16:1
DYNAMIC RANGE(1)
BW = 20Hz to fsOUT/2, −60dBFS Input
fIN = 1kHz, A-Weighted
44.1kHz:48kHz
143
dB
48kHz:44.1kHz
143
dB
48kHz:96kHz
143
dB
44.1kHz:192kHz
141
dB
96kHz:48kHz
144
dB
192kHz:12kHz
144
dB
192kHz:32kHz
144
dB
192kHz:48kHz
144
dB
32kHz:48kHz
143
dB
12kHz:192kHz
141
dB
TOTAL HARMONIC DISTORTION + NOISE(1)
BW = 20Hz to fsOUT/2, 0dBFS Input
fIN = 1kHz, Unweighted
44.1kHz:48kHz
−140
dB
48kHz:44.1kHz
−140
dB
48kHz:96kHz
−140
dB
44.1kHz:192kHz
−137
dB
96kHz:48kHz
−140
dB
192kHz:12kHz
−140
dB
192kHz:32kHz
−141
dB
192kHz:48kHz
−141
dB
32kHz:48kHz
−140
dB
12kHz:192kHz
−137
dB
Interchannel Gain Mismatch
0
dB
Interchannel Phase Deviation
0
degrees
(1) Dynamic performance is measured with an Audio Precision System Two Cascade or Cascade Plus test system.
(2) fsMIN = min (fsIN, fsOUT).
(3) fsMAX = max (fsIN, fsOUT).
(4) Power-supply current for the power-down modes is measured without loading.
(5) Dynamic power-supply current measurements are performed with 2mA active loads on the excercized outputs.


Similar Part No. - SRC4194IPAGTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4194IPAGT BURR-BROWN-SRC4194IPAGT Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
More results

Similar Description - SRC4194IPAGTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
SRC4194 BURR-BROWN-SRC4194 Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4184 TI1-SRC4184_08 Datasheet
669Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com