Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRCH12D78BNP-220MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRCH12D78BNP-220MC
Description  SMD Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRCH12D78BNP-220MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRCH12D78BNP-220MC Datasheet HTML 1Page - Sumida Corporation CDRCH12D78BNP-220MC Datasheet HTML 2Page - Sumida Corporation CDRCH12D78BNP-220MC Datasheet HTML 3Page - Sumida Corporation CDRCH12D78BNP-220MC Datasheet HTML 4Page - Sumida Corporation CDRCH12D78BNP-220MC Datasheet HTML 5Page - Sumida Corporation CDRCH12D78BNP-220MC Datasheet HTML 6Page - Sumida Corporation CDRCH12D78BNP-220MC Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRCH12D78B
Electrical Characteristics
※1 Measuring frequency inductance at 100 kHz.
※2 ( ) are typical value.
※3 Saturation current: The value of D.C. current when the inductance is over 70% of the initial value.
※4 Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃.(Ta=20℃)
Parallel
0.67(0.76)
1.5(1.75)
1005m(875m)
470±20%
Series
0.31(0.35)
0.75(0.88)
4.02(3.50)
1880±20%
Dual
0.45(0.52)
1.5(1.75)
2.01(1.75)
470±20%
471
CDRCH12D78BNP-471MC
Parallel
0.83(0.94)
1.7(2.1)
675m(585m)
330±20%
Series
0.40(0.45)
0.85(1.05)
2.7(2.34)
1320±20%
Dual
0.56(0.64)
1.7(2.1)
1.35(1.17)
330±20%
331
CDRCH12D78BNP-331MC
Parallel
1.0(1.15)
2.1(2.5)
468m(390m)
220±20%
Series
0.48(0.55)
1.05(1.25)
1.87(1.56)
880±20%
Dual
0.68(0.78)
2.1(2.5)
936m(780m)
220±20%
221
CDRCH12D78BNP-221MC
Parallel
1.2(1.4)
2.5(3.0)
324m(270m)
150±20%
Series
0.60(0.68)
1.25(1.50)
1.29(1.08)
600±20%
Dual
0.83(0.95)
2.5(3.0)
648m(540m)
150±20%
151
CDRCH12D78BNP-151MC
Parallel
1.6(1.8)
3.1(3.7)
192m(160m)
100±20%
Series
0.78(0.88)
1.55(1.85)
768m(640m)
440±20%
Dual
1.10(1.25)
3.1(3.7)
384m(320m)
100±20%
101
CDRCH12D78BNP-101MC
Parallel
2.0(2.3)
3.9(4.6)
133m(111m)
68±20%
Series
0.94(1.05)
1.95(2.3)
532m(444m)
272±20%
Dual
1.3(1.5)
3.9(4.6)
266m(222m)
68±20%
680
CDRCH12D78BNP-680MC
Parallel
2.4(2.6)
4.6(5.5)
93m(77m)
47±20%
Series
1.1(1.3)
2.3(2.75)
372m(310m)
188±20%
Dual
1.5(1.7)
4.6(5.5)
186m(155m)
47±20%
470
CDRCH12D78BNP-470MC
Parallel
2.7(3.0)
5.5(6.5)
72m(60m)
33±20%
Series
1.3(1.5)
2.75(3.25)
290m(240m)
132±20%
Dual
1.8(2.1)
5.5(6.5)
144m(120m)
33±20%
330
CDRCH12D78BNP-330MC
Parallel
3.3(3.7)
7.0(8.2
48m(40m)
22±20%
Series
1.6(1.8)
3.5(4.1)
192m(160m)
88±20%
Dual
2.3(2.6)
7.0(8.2
96m(80m)
22±20%
220
CDRCH12D78BNP-220MC
Parallel
4.0(4.6)
8.2(9.7
36m(29m)
15±20%
Series
2.0(2.3)
4.1(4.8)
144m(116m)
60±20%
Dual
2.8(3.2)
8.2(9.7
72m(58m
15±20%
150
CDRCH12D78BNP-150MC
Parallel
4.4(5.0)
10.0(11.8)
27m(21m)
10±20%
Series
2.3(2.6)
5.0(5.9)
108m(84m)
40±20%
Dual
3.2(3.6)
10.0(11.8)
54m(42m
10±20%
100
CDRCH12D78BNP-100MC
Parallel
5.0(5.6)
12.0(14.2)
23m(18m)
6.8±30%
Series
2.6(3.0)
6.0(7.1)
92m(72m)
27.2±30%
Dual
3.6(4.1)
12.0(14.2)
46m(36m
6.8±30%
6R8
CDRCH12D78BNP-6R8NC
Parallel
5.4(6.1)
13.2(15.6)
20m(16m
4.7±30%
Series
2.8(3.1)
6.6(7.8)
80m(60m
18.8±30%
Dual
3.9(4.4)
13.2(15.6)
40m(30m
4.7±30%
4R7
CDRCH12D78BNP-4R7NC
Mode
Temperature rise
current (A)
※4
Saturation
Current (A)
※3
D.C.R. (
Ω)
[Max.]
※2
Inductance
(
μH)
[within]
※1
Stamp
Part Name


Similar Part No. - CDRCH12D78BNP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRCH12D78BHF-100MC SUMIDA-CDRCH12D78BHF-100MC Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRCH12D78BHF-100MC SUMIDA-CDRCH12D78BHF-100MC Datasheet
491Kb / 7P
   SMD Power Inductor
CDRCH12D78BHF-101MC SUMIDA-CDRCH12D78BHF-101MC Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRCH12D78BHF-101MC SUMIDA-CDRCH12D78BHF-101MC Datasheet
491Kb / 7P
   SMD Power Inductor
More results

Similar Description - CDRCH12D78BNP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com