Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN761678DCHR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN761678DCHR
Description  TV/VCR TUNER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761678DCHR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN761678DCHR Datasheet HTML 6Page - Texas Instruments SN761678DCHR Datasheet HTML 7Page - Texas Instruments SN761678DCHR Datasheet HTML 8Page - Texas Instruments SN761678DCHR Datasheet HTML 9Page - Texas Instruments SN761678DCHR Datasheet HTML 10Page - Texas Instruments SN761678DCHR Datasheet HTML 11Page - Texas Instruments SN761678DCHR Datasheet HTML 12Page - Texas Instruments SN761678DCHR Datasheet HTML 13Page - Texas Instruments SN761678DCHR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SN761678
TV/VCR TUNER
SLES104 − DECEMBER 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics (continued)
mixer, oscillator, IF amplifier
VCC = 5 V, TA = 25°C, measured in reference measurement circuit at 50-Ω system, IF filter characteristics:
fPEAK = 43 MHz; unless otherwise noted
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Gc1
Gc3
Conversion gain
(mixer to IF amplifier) VHF-low
Fin = 58 MHz (Note 3)
Fin = 130 MHz
22
22
25
25
28
28
dB
Gc4
Gc6
Conversion gain
(mixer to IF amplifier) VHF-high
Fin = 136 MHz (Note 3)
Fin = 364 MHz
22
22
25
25
28
28
dB
Gc7
Gc9
Conversion gain
(mixer to IF amplifier) VHF-UHF
Fin = 370 MHz (Note 3)
Fin = 804 MHz
26
25
29
28
32
31
dB
NF1
NF3
Noise figure
VHF-low
Fin = 55.25 MHz
Fin = 127.25 MHz
(9.5)
(9.5)
dB
NF4
NF6
Noise figure
VHF-high
Fin = 133.25 MHz
Fin = 361.25 MHz
(10)
(10)
dB
NF7
NF9
Noise figure
UHF
Fin = 367.25 MHz
Fin = 801.25 MHz
(11)
(11)
dB
CM1
CM3
1% cross modulation distortion VHF-low
Fin = 55.25 MHz (Note 4)
Fin = 127.25 MHz
(89)
(89)
dBμV
CM4
CM6
1% cross modulation distortion VHF-high
Fin = 133.25 MHz (Note 4)
Fin = 361.25 MHz
(86)
(86)
dBμV
CM7
CM9
1% cross modulation distortion UHF
Fin = 367.25 MHz (Note 4)
Fin = 801.25 MHz
(87)
(87)
dBμV
VIFO1
VIFO3
IF output voltage
VHF-low
Fin = 55.25 MHz (Note 5)
Fin = 127.25 MHz
117
117
dBμV
VIFO4
VIFO6
IF output voltage
VHF-high
Fin = 133.25 MHz (Note 5)
Fin = 361.25 MHz
117
117
dBμV
VIFO7
VIFO9
IF output voltage
UHF
Fin = 367.25 MHz (Note 5)
Fin = 801.25 MHz
117
117
dBμV
ΦOSC1
ΦOSC3
Phase noise
VHF-low
Fin = 55.25 MHz (Note 6)
Fin = 127.25 MHz
88
88
dBc/Hz
ΦOSC4
ΦOSC6
Phase noise
VHF-high
Fin = 133.25 MHz (Note 6)
Fin = 361.25 MHz
86
86
dBc/Hz
ΦOSC7
ΦOSC9
Phase noise
UHF
Fin = 367.25 MHz (Note 6)
Fin = 801.25 MHz
84
84
dBc/Hz
Prescaler beat (Note 7)
(25)
dBμV
NOTES: 3. IF = 43 MHz, RF input level = 80 dBμV
4. Fundes = Fdes±6 MHz, Pin = 80 dBμV, AM 1 kHz, 30%, DES/CM = S/I = 46 dB
5. IF = 45.75 MHz
6. Offset = 10 kHz, RF input level = 70 dBμV
7. Design parameter, not tested.


Similar Part No. - SN761678DCHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761678BDBT TI-SN761678BDBT Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678BDBTG4 TI-SN761678BDBTG4 Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
More results

Similar Description - SN761678DCHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761677 TI1-SN761677_14 Datasheet
288Kb / 22P
[Old version datasheet]   TV/VCR TUNER IC WITH DC/DC CONVERTER
SN761677 TI-SN761677 Datasheet
213Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC WITH DC/DC CONVERTER
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com