Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW0603010RJNEAHP Datasheet(PDF) 11 Page - Texas Instruments

Part # CRCW0603010RJNEAHP
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CRCW0603010RJNEAHP Datasheet(HTML) 11 Page - Texas Instruments

Back Button CRCW0603010RJNEAHP Datasheet HTML 7Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 8Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 9Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 10Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 11Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 12Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 13Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 14Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Vcc
GND
B
A
D
DE
R
RE
a) Independent driver and
receiver enable signals
b) Combined enable signals for
use as directional control pin
c) Receiver always on
R
D
Vcc
GND
B
A
D
DE
R
RE
R
D
Vcc
GND
B
A
D
DE
R
RE
R
D
SN888C
www.ti.com
SLLSEI4 – SEPTEMBER 2013
APPLICATION INFORMATION
Device Configuration
The SN888C device is a half-duplex RS-485 transceiver operating from a single 5-V ±10% supply. The driver
and receiver enable pins that allow for the configuration of different operating modes.
Figure 13. Transceiver Configurations
Using independent enable lines provides the most flexible control as the lines allow for the driver and the
receiver to be turned on and off individually. While this configuration requires two control lines, it allows for
selective listening to the bus traffic, whether the driver is transmitting data or not. Only this configuration allows
the SN888C device to enter low-power standby mode because it allows both the driver and receiver to be
disabled simultaneously.
Combining the enable signals simplifies the interface to the controller by forming a single direction-control signal.
Thus, when the direction-control line is high, the transceiver is configured as a driver, while when low, the device
operates as a receiver.
Tying the receiver enable to ground and controlling only the driver-enable input also uses only one control line. In
this configuration, a node not only receives the data on the bus sent by other nodes, but also receives the data
sent on the bus, enabling the node to verify the correct data has been transmitted.
Bus Design
An RS-485 bus consists of multiple transceivers connected in parallel to a bus cable. To eliminate line
reflections, each cable end is terminated with a termination resistor, RT, whose value matches the characteristic
impedance, Z0, of the cable. This method, known as parallel termination, allows for relatively high data rates over
long cable length.
Common cables used are unshielded twisted pair (UTP), such as low-cost CAT-5 cable with Z0 = 100
Ω, and
RS-485 cable with Z0 = 120
Ω. Typical cable sizes are AWG 22 and AWG 24.
The maximum bus length is typically given as 4000 ft or 1200 m, and represents the length of an AWG 24 cable
whose cable resistance approaches the value of the termination resistance, thus reducing the bus signal by half
or 6 dB. Actual maximum usable cable length depends on the signaling rate, cable characteristics, and
environmental conditions.
Table 1. VID With a Failsafe Network and Bus Termination
VCC
RL Differential
RFS Pull-Up
RFS Pull-Down
VID
Termination
560
Ω
560
Ω
230 mV
1 K
Ω
1 K
Ω
131 mV
5 V
54
Ω
4.7 K
Ω
4.7 K
Ω
29 mV
10 K
Ω
10 K
Ω
13 mV
An external failsafe-resistor network must be used to ensure failsafe operation during an idle bus state. When the
bus is not actively driven, the differential receiver inputs could float allowing the receiver output to assume a
random output. A proper failsafe network forces the receiver inputs to exceed the VIT threshold, thus forcing the
SN888C receiver output into the failsafe (high) state. Table 1 shows the differential input voltage (VID) for various
failsafe networks with a 54-
Ω differential bus termination.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN888C


Similar Part No. - CRCW0603010RJNEAHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CRCW0603010RJNEAHP TI1-CRCW0603010RJNEAHP Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
CRCW0603010RJNEAHP TI1-CRCW0603010RJNEAHP Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
More results

Similar Description - CRCW0603010RJNEAHP

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TP485E 3PEAK-TP485E Datasheet
570Kb / 15P
   짹18K ESD Protection, Bus-Polarity Correcting RS-485 Transceiver
logo
Texas Instruments
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
logo
Burr-Brown (TI)
ISO485 BURR-BROWN-ISO485 Datasheet
177Kb / 11P
   Isolated RS-485 DIFFERENTIAL BUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
   Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
logo
National Semiconductor ...
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com