Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LV4737ADB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LV4737ADB
Description  3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LV4737ADB Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LV4737ADB Datasheet HTML 7Page - Texas Instruments SN75LV4737ADB Datasheet HTML 8Page - Texas Instruments SN75LV4737ADB Datasheet HTML 9Page - Texas Instruments SN75LV4737ADB Datasheet HTML 10Page - Texas Instruments SN75LV4737ADB Datasheet HTML 11Page - Texas Instruments SN75LV4737ADB Datasheet HTML 12Page - Texas Instruments SN75LV4737ADB Datasheet HTML 13Page - Texas Instruments SN75LV4737ADB Datasheet HTML 14Page - Texas Instruments SN75LV4737ADB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SN75LV4737A
3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SLLS178D – APRIL 1994 – REVISED FEBRUARY 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
DIN1
ROUT1
ROUT2
RIN1
DOUT1
DIN2
DOUT2
RIN2
DIN3
DOUT3
ROUT3
ROUT4
RIN3
RIN4
ROUT5
RIN5
Mode-
Control
Logic
VCC
Mode-
Control
Logic
See Note A
NOTES: A. C1 = C2 = C3 = C4 = C5 = CBYPASS = 0.1 µF
B. CBYPASS is used as a decoupling capacitor.
VCC
CBYPASS
(see Note B)
RS-232 Outputs
RS-232 Inputs
TTL Inputs
TTL Outputs
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+
_
+
_
+
_
C4
C2
C3
C5
+
+
C1
+
VCC
VCC
VDD
C2+
VCC
C2–
C1+
C3+
GND
C3–
VSS
C1–
STBY
EN
Figure 6. Typical 3.3-V Operating Circuit


Similar Part No. - SN75LV4737ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LV4737ADB TI-SN75LV4737ADB Datasheet
193Kb / 13P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
More results

Similar Description - SN75LV4737ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
NEC
UPD4723 NEC-UPD4723 Datasheet
125Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4722 NEC-UPD4722 Datasheet
132Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4724 NEC-UPD4724 Datasheet
140Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4721 NEC-UPD4721 Datasheet
123Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
logo
Texas Instruments
MAX211 TI-MAX211_07 Datasheet
349Kb / 20P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com