Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC968DLRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75LBC968DLRG4
Description  9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC968DLRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LBC968DLRG4 Datasheet HTML 4Page - Texas Instruments SN75LBC968DLRG4 Datasheet HTML 5Page - Texas Instruments SN75LBC968DLRG4 Datasheet HTML 6Page - Texas Instruments SN75LBC968DLRG4 Datasheet HTML 7Page - Texas Instruments SN75LBC968DLRG4 Datasheet HTML 8Page - Texas Instruments SN75LBC968DLRG4 Datasheet HTML 9Page - Texas Instruments SN75LBC968DLRG4 Datasheet HTML 10Page - Texas Instruments SN75LBC968DLRG4 Datasheet HTML 11Page - Texas Instruments SN75LBC968DLRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN75LBC968
9CHANNEL BUS TRANSCEIVER
WITH ACTIVE TERMINATION
SLLS179E − APRIL 1994 − REVISED AUGUST 2005
8
WWW.TI.COM
PARAMETER MEASUREMENT INFORMATION
CE
Termination
IO
VO
VI
II
DE / RE
A
TE
To VCC
To VCC or to
GND for IOZ
B
Figure 1. Driver Test Circuit Currents and Voltages.
CE
Termination
IO
VO
VTE
II
DE / RE
A
TE
B
Figure 2. Active Termination Voltages, Currents, and Test Circuit.
CE
Termination
IO
VO
VO
II
DE / RE
B
TE
To GND
To VCC or to
GND for IOZ
A
Figure 3. Receiver Voltages, Currents, and Test Circuit
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr  6 ns, tf  6 ns, PRR  1 MHz,
duty cycle = 50%, ZO = 50 Ω.
B. All resistances are in ohms and
±5%, unless otherwise indicated.
C. All capacitances are in picofarads and
±10%, unless otherwise indicated.
D. All indicated voltages are
±10 mV.


Similar Part No. - SN75LBC968DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC968DL TI-SN75LBC968DL Datasheet
234Kb / 16P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
More results

Similar Description - SN75LBC968DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC968 TI-SN75LBC968 Datasheet
234Kb / 16P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
30Kb / 1P
   9 Channel Bus LVDS Transceiver with 1149.1 Access
logo
Texas Instruments
DS92LV090AEP TI1-DS92LV090AEP Datasheet
308Kb / 14P
[Old version datasheet]   DS92LV090AEP 9 Channel Bus LVDS Transceiver
logo
Motorola, Inc
MC3448A MOTOROLA-MC3448A Datasheet
424Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER WITH TERMINATION NETWORKS
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
701Kb / 13P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
SCAN92LV090 NSC-SCAN92LV090_06 Datasheet
352Kb / 14P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Texas Instruments
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com