Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC970ADL Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75LBC970ADL
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC970ADL Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LBC970ADL Datasheet HTML 2Page - Texas Instruments SN75LBC970ADL Datasheet HTML 3Page - Texas Instruments SN75LBC970ADL Datasheet HTML 4Page - Texas Instruments SN75LBC970ADL Datasheet HTML 5Page - Texas Instruments SN75LBC970ADL Datasheet HTML 6Page - Texas Instruments SN75LBC970ADL Datasheet HTML 7Page - Texas Instruments SN75LBC970ADL Datasheet HTML 8Page - Texas Instruments SN75LBC970ADL Datasheet HTML 9Page - Texas Instruments SN75LBC970ADL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOD(H)
Driver differential
high-level output voltage
B side except BBSY,
BRST, and BSEL
See Figure 1
1
1.8
V
VOD(L)
Driver differential low-level
output voltage
B side
See Figure 1
–1
– 2.2
V
AACK –, AATN –,
AC/D –, AI/O –,
AMSG –, AREQ –
VID = – 200 mA,
IOH = – 16 mA
2.5
4.3
DRVBUS, SDB
IOH = – 16 mA
2.5
4.4
VOH
High-level output voltage
TIMEOUT
Test and RESET at 0.8 V, All
others open, IOH = – 16 mA
2.5
4.5
V
B side
3.4
X2
IOH = - 4 mA
3.2
DRVBUS, SDB
IOL = 16 mA
0.8
VOL
Low level output voltage
A side
VID = 200 mV, IOL =16 mA
0.8
V
VOL
Low-level output voltage
B side
1.6
V
X2
IOL = 4 mA
0.8
VIT
Receiver positive-going
B side
IOH = – 16 mA, See Figure 2
0.2
V
VIT+
gg
input threshold voltage
TIMEOUT
2.6
V
VIT
Receiver negative-going
B side
IOL = 16 mA, See Figure 2
– 0.2
V
VIT–
gg
g
input threshold voltage
TIMEOUT
0.32 VCC
0.4 VCC
V
Vh
Receiver input hysteresis
B side
45
mV
Vhys
y
(VIT+ – VIT– )
TIMEOUT
0.5
V
VI = 12 V, VCC = 5 V,
All other inputs at 0 V
0.6
1
II
Bus input current
B side
VI = 12 V, VCC = 0,
All other inputs at 0 V
0.7
1
mA
II
Bus input current
B side
VI = –7 V, VCC = 5 V,
All other inputs at 0 V
– 0.5
– 0.8
mA
VI = –7 V, VCC = 0,
All other inputs at 0 V
– 0.4
– 0.8
A side
– 2.9
–6
–8
mA
DSENS, RESET,
RSTFLTR
VIH = 2 V
–60
– 100
IIH
High-level input current
CLK40, X1/CLK20
IH
±20
IIH
High-level in ut current
TEST
100
µA
TIMEOUT
TEST at 2 V, A side and other
control inputs at 0.8 V,
B side open, VIH = 2 V
±1
A side
–6
–8
mA
DSENS, RESET,
RSTFLTR
VIH = 0.8 V
– 100
IIL
Low-level input current
CLK40, TEST,
X1/CLK20
±20
µA
TIMEOUT
TEST at 0.8 V, A side and
other control inputs at 0.8 V,
B side open, VIH = 2 V
±1
IOS
Short circuit output current
B side
VO = 5 V and 0 V
±250
mA
† All typical values are at VCC = 5 V, TA = 25 °C.


Similar Part No. - SN75LBC970ADL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC970ADL TI-SN75LBC970ADL Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
More results

Similar Description - SN75LBC970ADL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75970B TI-SN75970B Datasheet
330Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B2DGG TI-SN75970B2DGG Datasheet
323Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B TI1-SN75970B_16 Datasheet
324Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75971B TI-SN75971B Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971ADLR TI1-SN75LBC971ADLR Datasheet
202Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75971B TI1-SN75971B_16 Datasheet
203Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971A TI-SN75LBC971A Datasheet
184Kb / 14P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
logo
Dallas Semiconductor
DS2108 DALLAS-DS2108 Datasheet
68Kb / 5P
   Differential SCSI Switchable Terminator
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
   Differential SCSI Switchable Terminator
112099
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com