Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM-1320A-15 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TM-1320A-15
Description  monochrome progressive scan CCD cameras
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TM-1320A-15 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TM-1320A-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM-1320A-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM-1320A-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM-1320A-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Japan
PULNiX America, Inc.
1-11-14 Hongo Bunkyo-ku,
Tokyo 113-0033
Tel: 81-3-5805-2455
Fax: 81-3-5805-8082
www.pulnix.co.jp
Australia
PULNiX America, Inc.
16 / 35 Garden Road
Clayton,VIC 3168
Tel: 61-(0)3-9546-0222
Fax: 61-(0)3-9562-4892
Email:
pulnix@ozemail.com.au
United Kingdom
PULNiX Europe, Ltd.
PULNiX House,
Aviary Court,Wade Road
Basingstoke, Hampshire
RG24 8PE
Tel: 44(0)1256-475555
Fax: 44(0)1256-466268
www.pulnix.eu.com
Germany
PULNiX Deutschland, GmbH.
Siemensstrasse 12
D-63755 Alzenau
Tel: 49(0)6023-9625-0
Fax: 49(0)6023-9625-11
www.pulnix.de
ST
E RED
UL
®
PULNiX AMERICA, INC.
ISO-9001
FILE #
A3942
A
SS
OCIATIO
N
OM
ATED IMA
MEMBER
PULNiX America, Inc.
1330 Orleans Drive
Sunnyvale, CA 94089
Tel: 408-747-0300
Tel: 800-445-5444
Fax: 408-747-0660
Innovation
at
work!
TM-1320A series Progressive Scan High-Resolution Shutter Cameras
SPECIFICATIONS
Graphical User Interface
A user-friendly graphical user interface (GUI) is provided in
the CS-232E kit. This interface allows users to control the fol-
lowing functions of the TM-1320A series cameras:
Shutter control for manual async. and
pulse width control
Gain control
A/D reference voltages control for Vtop and Vbottom
Save settings
Load settings
Report settings
LUT setting and graphic display
Scanning mode selection and Option selections
Camera parameters can be
uploaded from the PC to the
camera. Once these parameters
are stored in EEPROMs, an
instantaneous change from one
setting to another can be done
with a delay of few frames in
between.
Serial Communication
Kit
The serial communication kit
CS-232E consists of serial cable
RS-232B-12, a software disk, and
a quick-start guide. The RS-232B-
12 cable has a 12-pin connector on
the camera end, and a 9-pin D-sub
connector (RS-232) and a 12-pin
connector (power and sync signals)
on the other end.
25.4 [1.00]
7.0 [0.28]
15.3 [0.60]
22.0 [0.87]
18.0 [0.71]
2X M6
44.0 [1.73]
1/4-20
SOC HD CAP SCR
2X M3 X 6.0 [0.24]
19.0 [0.75]
23.0 [0.91]
11.0 [0.43]
63.6 [2.50]
76.3 [3.00]
34.0 [1.34]
44.0 [1.73]
POWER
VIDEO
DIGITAL
SHUTTER
UP
DOWN
MODE
PRELIMINAR
Y
Imager
Active Area
Active Pixels
Cell size
Display Mode
(Active Pixels)
Sync
Data clock output
Resolution
S/N ratio
Min. illumination
Video output
2/3" progressive scan interline transfer CCD
8.7mm x 6.9mm
1300 (H) x 1030 (V), (1392 x 1040 total pixel)
6.7 µm x 6.7 µm
1300 (H) x 1030 (V) @ 15 or 24 Hz
1300 (H) x 500, 250 (V) @partial scan
Internal/external auto switch
HD/VD, 4.0 Vp-p impedance 4.7K
VD=15 / 24 Hz ±5%, non-interlace,
HD=15.47 / 24.75 kHz±5%
25.00 / 40.00 MHz
Digital: 1300 (H) x 1030 (V),
Analog: over 900 TV lines (H) x 800 TV lines (V)
50dB min. (AGC off)
1.0 lux, f=1.4 without IR cut filter (no shutter)
Sensitivity: 10µV/e-
Analog: 714mV, 75
Ω (900 mV white clip)
Digital output: 8-bit RS-644
AGC
Gamma
Lens mount
Power req.
Operating temp.
Vibration
Shock
Size (W x H x L)
Weight
OFF
Programmable LUT(1.0 std.)
C-mount (use>2/3" format lenses)
12V DC±10%, 500 mA (current measured at 25°)
-10°C to 45°C*
7Grms (10 Hz to 2000 Hz) Random
70G
44mm x 44mm x 64mm (1.73" x 1.73" x 2.51")
133 grams, 4.7 oz (without tripod)
* Image quality will degrade with increasing temperature.
MUST BE
Optional Functions
Optional accessories
I/O
Power cable
Power supply
ORDERED SEPARATELY
Adjustable back-focus front end, 12 fps,
pixel clock locking
30DG-02 digital output cable
CS-232E serial communication kit
12P-02S power cable with open leads
PD-12UUP series (includes power connector)


Similar Part No. - TM-1320A-15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TM-1300 PHILIPS-TM-1300 Datasheet
6Mb / 533P
   Programmable Media Processor
2000 May 30
More results

Similar Description - TM-1320A-15

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
CXD2460R SONY-CXD2460R Datasheet
341Kb / 36P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408AR SONY-CXD2408AR Datasheet
320Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408R SONY-CXD2408R Datasheet
487Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3611R SONY-CXD3611R Datasheet
429Kb / 49P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2434ATQ SONY-CXD2434ATQ Datasheet
521Kb / 26P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2437TQ SONY-CXD2437TQ Datasheet
590Kb / 33P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2434TQ SONY-CXD2434TQ Datasheet
1,013Kb / 27P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2457R SONY-CXD2457R Datasheet
380Kb / 37P
   Timing Generator for Progressive Scan CCD Image Sensor
logo
OmniVision Technologies...
OV9738 OMNIVISION-OV9738 Datasheet
602Kb / 2P
   scan mode: progressive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com