Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4MSD5V9544ALEX Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9544ALEX
Description  4 Channel I2C bus Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9544ALEX Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9544ALEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9544ALEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9544ALEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9544ALEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9544ALEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9544ALEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9544ALEX Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4MSD5V9544ALEX Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4MSD5V9544ALEX Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0035
PT0525-4
8/18/15
10
PI4MSD5V9544A
4 Channel I2C/SMBus Multiplexer
with Interrupt Logic
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line
while the clock is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the
clock is HIGH is defined as the STOP condition (P)
Figure 8. Definition of Start and Stop Conditions
A device generating a message is a ‘transmitter’, a device receiving is the ‘receiver’. The device that controls the
message is the ‘master’ and the devices which are controlled by the master are the ‘slaves’
Figure 9. System Configuration
The number of data bytes transferred between the START and the STOP conditions from transmitter to receiver is
not limited. Each byte of 8 bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the
bus by the transmitter, whereas the master generates an extra acknowledge related clock pulse.
A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also, a master
must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The
device that acknowledges has to pull down the SDA line during the acknowledge clock pulse so that the SDA line is
stable LOW during the HIGH period of the acknowledge related clock pulse; set-up and hold times must be taken into
account.
A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte
that has been clocked out of the slave. In this event, the transmitter must leave the data line HIGH to enable the master
to generate a STOP condition.
Figure 10. Acknowledgment on I2C Bus


Similar Part No. - PI4MSD5V9544ALEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BUE PERICOM-PI4MSD5V9540BUE Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BUEX PERICOM-PI4MSD5V9540BUEX Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BWE PERICOM-PI4MSD5V9540BWE Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BWEX PERICOM-PI4MSD5V9540BWEX Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
More results

Similar Description - PI4MSD5V9544ALEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
   2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Pericom Semiconductor C...
PI4MSD5V9547 PERICOM-PI4MSD5V9547 Datasheet
628Kb / 13P
   8 Channel I2C bus multiplexer
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
logo
NXP Semiconductors
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
logo
Maxim Integrated Produc...
MAX7367 MAXIM-MAX7367_09 Datasheet
153Kb / 19P
   4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
MAX7367 MAXIM-MAX7367 Datasheet
153Kb / 19P
   4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
logo
Texas Instruments
PCA9547 TI-PCA9547 Datasheet
140Kb / 26P
[Old version datasheet]   8-channel I2C-bus multiplexer with reset
logo
NXP Semiconductors
PCA9547 NXP-PCA9547 Datasheet
150Kb / 26P
   8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com