Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4MSD5V9543AWEX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9543AWEX
Description  2 Channel I2C bus switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9543AWEX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9543AWEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4MSD5V9543AWEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9543AWEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9543AWEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9543AWEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9543AWEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9543AWEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9543AWEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9543AWEX Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0034
PT0524-4
8/18/15
6
PI4MSD5V9543A
2 Channel I2C bus switch
with Interrupt Logic and Reset
Application
Figure 3. Typical Application
VCC
VPU1
VPU2
1.8V
1.5V-5.5V
1.2V-5.5V
2.5V
1.8V-5.5V
1.8V-5.5V
3.3V
2.7V-5.5V
2.7V-5.5V
5V
4.5V-5.5V
4.5V-5.5V
Note:
If the device generating the interrupt has an open-drain output structure or can be 3-stated, a pull-up resistor is required.
If the device generating the interrupt has a totem pole output structure and cannot be 3-stated, a pull-up resistor is not required.
The interrupt inputs should not be left floating.
Device addressing
Following a START condition the bus master must output the address of the slave it is accessing. The address of
the PI4MSD5V9543A is shown in Figure 4.
To conserve power, no internal pull-up resistors are incorporated on the hardware selectable address pins and they
must be pulled HIGH or LOW.
The last bit of the slave address defines the operation to be performed. When set to logic 1 a read is selected, while
a logic 0 selects a write operation.
I2C bus master


Similar Part No. - PI4MSD5V9543AWEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9543B PERICOM-PI4MSD5V9543B Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9543BLE PERICOM-PI4MSD5V9543BLE Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9543BLEX PERICOM-PI4MSD5V9543BLEX Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9543BWE PERICOM-PI4MSD5V9543BWE Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9543BWEX PERICOM-PI4MSD5V9543BWEX Datasheet
610Kb / 13P
   2 Channel I2C bus switch
More results

Similar Description - PI4MSD5V9543AWEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9543B PERICOM-PI4MSD5V9543B Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9545B PERICOM-PI4MSD5V9545B Datasheet
542Kb / 13P
   4 Channel I2C bus Switch
PI4MSD5V9545A PERICOM-PI4MSD5V9545A Datasheet
531Kb / 13P
   4 Channel I2C bus Switch
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
   2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
logo
Diodes Incorporated
PI4MSD5V9546A DIODES-PI4MSD5V9546A Datasheet
1Mb / 14P
   4 Channel I2C bus Switch with Reset
May 2023 Rev 1-2
logo
NXP Semiconductors
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Nuvoton Technology Corp...
NCT5946Y NUVOTON-NCT5946Y Datasheet
936Kb / 25P
   4-channel I2C-bus switch with reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com