Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4MSD5V9542AWE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9542AWE
Description  2 Channel I2Cbus Multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9542AWE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9542AWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0033
PT0523-4
8/18/15
9
PI4MSD5V9542A
2 Channel I2C bus Multiplexer
with Interrupt Logic
Voltage translation
The pass gate transistors of the PI4MSD5V9542A are constructed such that the VCC voltage can be used to limit
the maximum voltage that is passed from one I2C-bus to another.
Figure 6:Vpass voltage VS Vcc
Figure 6 shows the voltage characteristics of the pass gate transistors (note that the graph was generated using the
data specified in Section “DC Electrical characteristics” of this data sheet).
In order for the PI4MSD5V9542A to act as a voltage translator, the Vpass voltage should be equal to, or lower
than the lowest bus voltage. For example, if the main bus was running at 5 V, and the downstream buses were 3.3 V
and 2.7 V, then Vpass should be equal to or below 2.7 V to clamp the downstream bus voltages effectively.
Looking at Figure 6, we see that Vpass (max) is at 2.7 V when the PI4MSD5V9542A supply voltage is 3.5 V or
lower so the PI4MSD5V9542A supply voltage could be set to 3.3 V. Pull-up resistors can then be used to bring the
bus voltages to their appropriate levels
I2C BUS
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two lines are a serial data
line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor when
connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy.
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH
period of the clock pulse as changes in the data line at this time are interpreted as control signals
Figure 7: Bit Transfer


Similar Part No. - PI4MSD5V9542AWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BUE PERICOM-PI4MSD5V9540BUE Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BUEX PERICOM-PI4MSD5V9540BUEX Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BWE PERICOM-PI4MSD5V9540BWE Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BWEX PERICOM-PI4MSD5V9540BWEX Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
More results

Similar Description - PI4MSD5V9542AWE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
   2-CHANNEL MULTIPLEXER
logo
Renesas Technology Corp
HD74ALVC2G157 RENESAS-HD74ALVC2G157_15 Datasheet
120Kb / 13P
   2-channel Multiplexer
logo
Hitachi Semiconductor
HD74LV2G157A HITACHI-HD74LV2G157A Datasheet
107Kb / 11P
   2-channel Multiplexer
logo
Toshiba Semiconductor
TC7WH157FK TOSHIBA-TC7WH157FK_09 Datasheet
182Kb / 7P
   2-Channel Multiplexer
logo
Renesas Technology Corp
HD74LV2G157A RENESAS-HD74LV2G157A Datasheet
95Kb / 11P
   2-channel Multiplexer
HD74ALVC2G157 RENESAS-HD74ALVC2G157 Datasheet
96Kb / 11P
   2-channel Multiplexer
Rev.4.00, Dec.18.2003,
logo
NXP Semiconductors
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
   2-channel I2C multiplexer
2004 Sep 29
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
NXP Semiconductors
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
   2-channel I2C multiplexer
1999 Dec 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com