Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4MSD5V9542A Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9542A
Description  2 Channel I2Cbus Multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9542A Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9542A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9542A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9542A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9542A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9542A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9542A Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4MSD5V9542A Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4MSD5V9542A Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4MSD5V9542A Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0033
PT0523-4
8/18/15
10
PI4MSD5V9542A
2 Channel I2C bus Multiplexer
with Interrupt Logic
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line
while the clock is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the
clock is HIGH is defined as the STOP condition (P)
Figure 8. Definition of Start and Stop Conditions
A device generating a message is a ‘transmitter’, a device receiving is the ‘receiver’. The device that controls the
message is the ‘master’ and the devices which are controlled by the master are the ‘slaves’
Figure 9. System Configuration
The number of data bytes transferred between the START and the STOP conditions from transmitter to receiver is
not limited. Each byte of 8 bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the
bus by the transmitter, whereas the master generates an extra acknowledge related clock pulse.
A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also, a master
must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The
device that acknowledges has to pull down the SDA line during the acknowledge clock pulse so that the SDA line is
stable LOW during the HIGH period of the acknowledge related clock pulse; set-up and hold times must be taken into
account.
A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte
that has been clocked out of the slave. In this event, the transmitter must leave the data line HIGH to enable the master
to generate a STOP condition.
Figure 10. Acknowledgment on I2C Bus


Similar Part No. - PI4MSD5V9542A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BUE PERICOM-PI4MSD5V9540BUE Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BUEX PERICOM-PI4MSD5V9540BUEX Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BWE PERICOM-PI4MSD5V9540BWE Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BWEX PERICOM-PI4MSD5V9540BWEX Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
More results

Similar Description - PI4MSD5V9542A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
   2-CHANNEL MULTIPLEXER
logo
Renesas Technology Corp
HD74ALVC2G157 RENESAS-HD74ALVC2G157_15 Datasheet
120Kb / 13P
   2-channel Multiplexer
logo
Hitachi Semiconductor
HD74LV2G157A HITACHI-HD74LV2G157A Datasheet
107Kb / 11P
   2-channel Multiplexer
logo
Toshiba Semiconductor
TC7WH157FK TOSHIBA-TC7WH157FK_09 Datasheet
182Kb / 7P
   2-Channel Multiplexer
logo
Renesas Technology Corp
HD74LV2G157A RENESAS-HD74LV2G157A Datasheet
95Kb / 11P
   2-channel Multiplexer
HD74ALVC2G157 RENESAS-HD74ALVC2G157 Datasheet
96Kb / 11P
   2-channel Multiplexer
Rev.4.00, Dec.18.2003,
logo
NXP Semiconductors
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
   2-channel I2C multiplexer
2004 Sep 29
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
NXP Semiconductors
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
   2-channel I2C multiplexer
1999 Dec 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com