Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4IOE5V9570UE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9570UE
Description  4-bit general purpose outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9570UE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9570UE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9570UE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9570UE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9570UE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9570UE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9570UE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9570UE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9570UE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9570UE Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||
|||||||||||||||||
2015-07-0044
PT0559
08/05/15
8
PI4IOE5V9570
4-bit general purpose outputs
for 1MHz I
2C bus
e. Bus Transaction
Writing to the port (output mode)
To write, the master (microcontroller) first addresses the slave device. By setting the last bit of the byte containing the slave
address to logic 0, the Write mode is entered. The device acknowledges and the master sends the data byte for P7 to P0 and is
acknowledged by the device. Writes to P7 to P4 are ignored in the PI4IOE5V9570 as only P3 through P0 are available. The 4-bit
data is presented on the port lines after it has been acknowledged by the device. The number of data bytes that can be sent
successively is not limited. The previous data is overwritten every time a data byte has been sent.
Reading from a port (input mode)
All ports are outputs and cannot be used as inputs. When reading the device, the data returned is the port state at the pin. To read,
the master (microcontroller) first addresses the slave device by setting the last bit of the byte containing the slave address to logic
1. The data byte that follows on the SDA is the value of the ports pins. There is no limit to the number of bytes read, and the state
of the output port pins is updated at each acknowledge cycle. Logic 1 means that the port is HIGH. Logic 0 means that the port is
LOW. When the PI4IOE5V9570 is read, P7 through P4 return logic ‘1’.
f. Power-on reset
When power is applied to VCC, an internal Power-On Reset (POR) holds the device in a reset condition until VCC has reached
VPOR. At that point, the reset condition is released and the device registers and I
2C-bus/SMBus state machine initialize to their
default states.
Figure 6: Write to configuration registers
Figure 7: Read from registers
Note: Transfer can be stopped at any time by a STOP condition.


Similar Part No. - PI4IOE5V9570UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9521XTEX PERICOM-PI4IOE5V9521XTEX Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9522UE PERICOM-PI4IOE5V9522UE Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9522UEX PERICOM-PI4IOE5V9522UEX Datasheet
469Kb / 13P
   interrupt and reset
More results

Similar Description - PI4IOE5V9570UE

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73201 EMC-EM73201 Datasheet
204Kb / 30P
   4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
logo
NEC
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
   general purpose 32-bit microprocessors
logo
Zarlink Semiconductor I...
P610ARM-B ZARLINK-P610ARM-B Datasheet
897Kb / 173P
   General purpose 32-bit microprocessor
logo
Fujitsu Component Limit...
MB90860A FUJITSU-MB90860A Datasheet
813Kb / 62P
   16-bit general-purpose microcontroller
logo
Texas Instruments
SN74S274 TI-SN74S274 Datasheet
362Kb / 10P
[Old version datasheet]   4 BIT BY 4 BIT BINARY MULTIPLER WITH 3-STATE OUTPUTS
logo
Microchip Technology
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
3Mb / 232P
   General Purpose, 16-Bit Flash Microcontrollers
2006
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
[Old version datasheet]   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
   4-Bit Shifter with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com