Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4IOE5V9557LE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9557LE
Description  SMBus I/O port with reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9557LE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9557LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9557LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9557LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9557LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9557LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9557LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4IOE5V9557LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI4IOE5V9557LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI4IOE5V9557LE Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-07-0028
PT0552-2
8/18/15
11
PI4IOE5V9557
8-bit I
2C-bus and SMBus I/O port with reset
Application design-in information
Figure 10: Typical application
Device address configured as 0011100x for this example.
IO0, IO4, IO5 configured as outputs.
IO1, IO2, IO3 configured as inputs.
IO6, IO07 are not used.
Figure 9: Read input port register
Note: This figure assumes the command byte has previously been programmed with 00h.
Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the last acknowledge
phase is valid (output mode). Input data is lost.


Similar Part No. - PI4IOE5V9557LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
More results

Similar Description - PI4IOE5V9557LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
NXP Semiconductors
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
   8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
logo
Pericom Semiconductor C...
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
   SMBus low power I/O port
logo
NXP Semiconductors
PCA9537 PHILIPS-PCA9537 Datasheet
163Kb / 17P
   4-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Nov 29
PCA9539 PHILIPS-PCA9539 Datasheet
168Kb / 21P
   16-bit I2C and SMBus, low power I/O port with interrupt and reset
2004 Sep 30
PCA9538 PHILIPS-PCA9538 Datasheet
197Kb / 18P
   8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
PCA9557 PHILIPS-PCA9557 Datasheet
127Kb / 16P
   8-bit I2C and SMBus I/0 port with reset
2001 Dec 12
PCA9537 NXP-PCA9537 Datasheet
143Kb / 24P
   4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com